Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M4F1 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4LC4M4F1
Description  4M횞4 CMOS DRAM (Fast Page) 3.3V Family
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC4M4F1 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4LC4M4F1 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AS4LC4M4F1
5/16/01; v.1.0 Restored
Alliance Semiconductor
P. 3 of 14
®
Absolute maximum ratings
DC electrical characteristics
Parameter
Symbol
Min
Max
Unit
Input voltage
Vin
-1.0
4.6
V
Input voltage (DQs)
VDQ
-1.0
4.6
V
Power supply voltage
VCC
-1.0
4.6
V
Storage temperature (plastic)
TSTG
-55
150
°C
Soldering temperature × time
TSOLDER
–
260 × 10
oC × sec
Power dissipation
PD
–
0.432
W
Short circuit output current
Iout
–50
mA
Parameter
Symbol
Test conditions
-50
-60
Unit
Notes
Min
Max
Min
Max
Input leakage current
IIL
0V
≤ V
in ≤ +Vcc(max)
Pins not under test = 0V
-5
+5
-5
+5
µA
Output leakage current
IOL
DOUT disabled, 0V ≤ Vout ≤ + Vcc(max)
-5
+5-5+5
µA
Operating power
supply current
ICC1
CAS, Address cycling; tRC=min
–
120
–
110
mA
1,2
TTL standby power
supply current
ICC2
RAS = CAS
≥ V
IH
–
2.0
–
2.0
mA
Average power supply
current, RAS refresh
mode or CBR
ICC3
RAS cycling, CAS
≥ V
IH,
tRC = min of RAS low after CAS low.
–
120
–
110
mA
1
Fast page mode average
power supply current
ICC4
RAS = VIL, CAS,
address cycling: tHPC = min
–
90
–
80
mA
1, 2
CMOS standby power
supply current
ICC5
RAS = CAS = VCC - 0.2V
–
2.0
–
2.0
mA
Output voltage
VOH
IOUT = -2.0 mA
2.4
–
2.4
–
V
VOL
IOUT = 2.0 mA
–
0.4
–
0.4
V
CAS before RAS refresh
current
ICC6
RAS, CAS cycling, tRC = min
–
120
–
110
mA
Self refresh current
ICC7
RAS
= CAS
≤ 0.2v,
WE
- OE
≥ V
CC - 0.2V,
all other inputs at 0.2V or VCC - 0.2V
-
0.6
-
0.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com