Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAQ0860L33T Datasheet(PDF) 4 Page - ON Semiconductor

Part # NFAQ0860L33T
Description  Intelligent Power Module (IPM) 600 V, 8 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ0860L33T Datasheet(HTML) 4 Page - ON Semiconductor

  NFAQ0860L33T Datasheet HTML 1Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 2Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 3Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 4Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 5Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 6Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 7Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 8Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NFAQ0860L33T
www.onsemi.com
4
Table 1. PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
VSS
Low−Side Common Supply Ground
2
VDD
Low−Side Bias Voltage for IC and IGBTs Driving
3
HIN(U)
Signal Input for High−Side U Phase
4
HIN(V)
Signal Input for High−Side V Phase
5
HIN(W)
Signal Input for High−Side W Phase
6
LIN(U)
Signal Input for Low−Side U Phase
7
LIN(V)
Signal Input for Low−Side V Phase
8
LIN(W)
Signal Input for Low−Side W Phase
9
FAULT
Fault output
10
ITRIP
Input for Over Current Protection
11
SD
Shut Down Input
12
CFOD
Capacitor and Resistor for Fault Output Duration Selection
13
TH1
Thermistor Bias Voltage
14
TH2
Series Resistor for Thermistor
17
NU
Negative DC−Link Input for U Phase
18
NV
Negative DC−Link Input for V Phase
19
NW
Negative DC−Link Input for W Phase
20
VS(W), W
High−Side Bias Voltage GND for W phase IGBT Driving, Output for W Phase
22
VB(W)
High−Side Bias Voltage for W phase IGBT Driving
26
VS(V), V
High−Side Bias Voltage GND for V phase IGBT Driving, Output for V Phase
28
VB(V)
High−Side Bias Voltage for V phase IGBT Driving
32
VS(U), U
High−Side Bias Voltage GND for U phase IGBT Driving, Output for U Phase
34
VB(U)
High−Side Bias Voltage for U phase IGBT Driving
38
P
Positive DC−Link Input
NOTE: Pins 15, 16, 21, 23, 24, 25, 27, 29, 30, 31, 33, 35, 36 and 37 are not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com