Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAQ0860L33T Datasheet(PDF) 13 Page - ON Semiconductor

Part # NFAQ0860L33T
Description  Intelligent Power Module (IPM) 600 V, 8 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ0860L33T Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NFAQ0860L33T Datasheet HTML 6Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 7Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 8Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 9Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 10Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 11Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 12Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 13Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DIP38, 29.6x18.2 EP−3
CASE 125BT
ISSUE A
DATE 06 APR 2021
XXXX = Specific Device Code
ZZZ = Lot ID
AT
= Assembly & Test Location
Y
= Year
WW = Work Week
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “G”, may
or may not be present. Some products may
not follow the Generic Marking.
GENERIC
MARKING DIAGRAM*
XXXXXXXXXXXXXXXXX
ZZZATYWW
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor reserves the right to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages. ON Semiconductor does not convey any license under its patent rights nor the
rights of others.
98AON92060G
DOCUMENT NUMBER:
DESCRIPTION:
Electronic versions are uncontrolled except when accessed directly from the Document Repository.
Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red.
PAGE 1 OF 1
DIP38, 29.6x18.2 EP−3
© Semiconductor Components Industries, LLC, 2018
www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com