Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAQ0860L33T Datasheet(PDF) 12 Page - ON Semiconductor

Part # NFAQ0860L33T
Description  Intelligent Power Module (IPM) 600 V, 8 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ0860L33T Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NFAQ0860L33T Datasheet HTML 6Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 7Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 8Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 9Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 10Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 11Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 12Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 13Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
NFAQ0860L33T
www.onsemi.com
12
• RB (Test by pulse)
U+
V+
W+
A
2
2
2
B
34
28
22
C
6
7
8
Figure 19. Test Circuit for RB
A
B
2,9,11,12
C
V
VB
(RB)
VDD=15V
1,10,17,18,19
5V
IB
• IQBS, IQDD
VBS U+
VBS V+
VBS W+
VDD
A
34
28
22
2
B
32
26
20
1
Figure 20. Test Circuit for ID
A
B
A
VBSx=15V
IQBS
2
1,10
A
VDD=15V
IQDD
9,11,12
• Switching Time (The circuit is a representative example of the Inverter Low side U phase.)
Figure 21. Test Circuit for Switching Time
38
17
34
32
28
26
22
20
2,9,11,12
6
CS
VBS=15V
VBS=15V
VBS=15V
VDD=15V
1,10,17,18,19
Input Signal
32
Io
Input Signal
(0 to 5V)
lo
90%
10%
tOFF
tON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com