Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4415 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4415
Description  Electroluminescent Lamp Driver with Selectable Level Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4415 Datasheet(HTML) 1 Page - Sipex Corporation

  SP4415 Datasheet HTML 1Page - Sipex Corporation SP4415 Datasheet HTML 2Page - Sipex Corporation SP4415 Datasheet HTML 3Page - Sipex Corporation SP4415 Datasheet HTML 4Page - Sipex Corporation SP4415 Datasheet HTML 5Page - Sipex Corporation SP4415 Datasheet HTML 6Page - Sipex Corporation SP4415 Datasheet HTML 7Page - Sipex Corporation SP4415 Datasheet HTML 8Page - Sipex Corporation SP4415 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SP4415DS/06
SP4415 Electroluminescent Lamp Driver
© Copyright 1996 Sipex Corporation
1
s 2.2 V- 3.6 V Battery Operation
s 50 nA Maximum Standby Current
s Four Level Selectable Output
s High Voltage Output 140V
PP Typical
s High Impedance Clock Signal
Conditioner
APPLICATIONS
s Watches
s Pagers
s Backlit LCD Displays
SP4415
DESCRIPTION
The SP4415 is a single chip DC-AC converter ideally suited for driving electroluminescent
panels to four intensity levels. The SP4415 is capable of converting DC input voltages as low
as 2.2V into any of four AC voltage levels which can be set via external switch. A high
impedance clock input and signal conditioner allows users to connect crystal oscillators
directly to the CLK input without interfering with existing system timing, no buffering of the
crystal oscillator is necessary. The SP4415 requires only one external inductor and is offered
in an 8-pin NSOIC package. For delivery in die form, please consult the factory.
SP4415 Block Diagram
SIGNAL PROCESSING EXCELLENCE
Electroluminescent Lamp Driver
with Selectable Level Outputs
No Connect
VDD
Level Select
VSS
COIL
EL2
EL1
SP4415
8
7
4
3
2
1
5
6
CLK


Similar Part No. - SP4415

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412 SIPEX-SP4412 Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
logo
SamHop Microelectronics...
SP4412 SAMHOP-SP4412 Datasheet
117Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4412ACN SIPEX-SP4412ACN Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4412ACU SIPEX-SP4412ACU Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
More results

Similar Description - SP4415

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4416 SIPEX-SP4416 Datasheet
92Kb / 13P
Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
D340B ETC1-D340B Datasheet
364Kb / 9P
Electroluminescent Lamp Driver IC
D355B ETC1-D355B Datasheet
534Kb / 14P
Electroluminescent Lamp Driver IC
D365A ETC1-D365A Datasheet
299Kb / 12P
Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
Electroluminescent Lamp Driver IC
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com