Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4415 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4415
Description  Electroluminescent Lamp Driver with Selectable Level Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4415 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4415 Datasheet HTML 1Page - Sipex Corporation SP4415 Datasheet HTML 2Page - Sipex Corporation SP4415 Datasheet HTML 3Page - Sipex Corporation SP4415 Datasheet HTML 4Page - Sipex Corporation SP4415 Datasheet HTML 5Page - Sipex Corporation SP4415 Datasheet HTML 6Page - Sipex Corporation SP4415 Datasheet HTML 7Page - Sipex Corporation SP4415 Datasheet HTML 8Page - Sipex Corporation SP4415 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SP4415DS/06
SP4415 Electroluminescent Lamp Driver
© Copyright 1996 Sipex Corporation
3
THEORY OF OPERATION
The SP4415 is made up of three basic circuit
elements, a clock signal conditioner, a divider
chain, and a switched H-bridge network. The clock
signal conditioner circuit allows users to directly
connect a crystal oscillator output to the SP4415;
no buffering is necessary. The clock input features
high impedance (50 M
Ω), low capacitance (2.5pF)
and 200mV sensitivity. The external clock should
range from (V
DD-1V) to ground. The SP4415 is
optimized for 32,768Hz clock signals and is allowed
to vary from 20 kHz to 60kHz.
The externally supplied clock signal provides the
circuit with a clock source used to control the
charge and discharge phases for the coil and lamp.
The suggested oscillator frequency is 32,768Hz .
This clock frequency is internally divided to create
two internal control signals, f
COIL and fLAMP. For
example a 32,768Hz signal will be divided to
provide an 8,192Hz 75% duty cycle output to drive
the coil and a 256Hz 50% duty cycle output to
drive the lamp. Although the oscillator frequency
can be varied to optimize the lamp output, the ratio
of f
COIL to fLAMP will always equal 32.
PIN DESCRIPTION
Pin 1 – NC - Float this pin..
Pin 2 – V
SS - Ground connection
Pin 3 – Coil - Coil input, connect coil from V
DD
to Pin 5.
Pin 4 – Lamp2- EL voltage output, connect
directly to EL lamp.
Pin 5 – Lamp1- EL voltage output, connect
directly to EL lamp.
Pin 6 – V
DD - Power supply for driver, connect to
system V
DD.
Pin 7 – Level Select - Selects the number of
inductor drive pulses.
Pin 8 – Clk - Clock input for charge and
discharge cycles.
SP4415 Schematic
CLK
VBATTERY
SCR1
SCR2
fCOIL
EL Lamp
Coil
2
3
EL1
EL2
4
8
Vss
Level Select
VDD
5
7
PULSE COUNT
DECODER
HON LEVEL
DECODER
PULSE COUNT
SELECTOR
2 BIT
COUNTER
9 BIT COUNTER
Q
6
7 BIT COUNTER
CLR
Q
35mH/125 ohms
fLAMP
fLAMP
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com