Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4415 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP4415
Description  Electroluminescent Lamp Driver with Selectable Level Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4415 Datasheet(HTML) 5 Page - Sipex Corporation

  SP4415 Datasheet HTML 1Page - Sipex Corporation SP4415 Datasheet HTML 2Page - Sipex Corporation SP4415 Datasheet HTML 3Page - Sipex Corporation SP4415 Datasheet HTML 4Page - Sipex Corporation SP4415 Datasheet HTML 5Page - Sipex Corporation SP4415 Datasheet HTML 6Page - Sipex Corporation SP4415 Datasheet HTML 7Page - Sipex Corporation SP4415 Datasheet HTML 8Page - Sipex Corporation SP4415 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SP4415DS/06
SP4415 Electroluminescent Lamp Driver
© Copyright 1996 Sipex Corporation
5
The H-bridge consists of two SCR structures that
act as high voltage switches. These two switches
control the polarity of how the lamp is charged. The
SCR switches are controlled by the f
LAMP signal
which is the oscillator frequency divided by 128.
For a 32,768 Hz oscillator, f
LAMP=256 Hz.
When the energy from the coil is released, a high
voltage spike is created triggering the SCR switches.
The direction of current flow is determined by
which SCR is enabled. One full cycle of the
H-bridge will create 16 voltage steps from ground
to 80V (typical) on pins 6 and 7 which are 180
degrees out of phase with each other (see figure 3
on page 7). A differential view of the outputs is
shown in figure 4 on page 7.
ELECTROLUMINESCENT TECHNOLOGY
An EL lamp is basically a strip of plastic that is
coated with a phosphorous material which emits
light (fluoresces) when a high voltage (>40V) which
was first applied across it, is removed or reversed.
Long periods of DC voltages applied to the material
tend to breakdown the material and reduce its
lifetime. With these considerations in mind, the
ideal signal to drive an EL lamp is a high voltage
sine wave. Traditional approaches to achieving this
type of waveform included discrete circuits
incorporating a transformer, transistors, and several
resistors and capacitors. This approach is large and
bulky, and cannot be implemented in most hand
held equipment. Sipex now offers low power single
chip driver circuits specifically designed to drive
small to medium sized electroluminescent panels.
All that is required is one external inductor.
Electroluminescent backlighting is ideal when used
with LCD displays, keypads, or other backlit
readouts. Its main use is to illuminate displays in
dim to dark conditions for momentary periods of
time. EL lamps typically consume less current than
LEDs or incandescent bulbs making them ideal for
battery powered products. Also, EL lamps are able
to evenly light an area without creating "hot spots"
in the display.
The amount of light emitted is a function of the
voltage applied to the lamp, the frequency at which
it is applied, the lamp material used and its size, and
lastly, the inductor used. There are many variables
which can be optimized for specific applications.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com