Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7545JCL Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7545JCL
Description  12-Bit, Buffered Multiplying DAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7545JCL Datasheet(HTML) 1 Page - Sipex Corporation

  SP7545JCL Datasheet HTML 1Page - Sipex Corporation SP7545JCL Datasheet HTML 2Page - Sipex Corporation SP7545JCL Datasheet HTML 3Page - Sipex Corporation SP7545JCL Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
175
DESCRIPTION…
The SP7545 is a low–cost, high stability 12–bit CMOS multiplying DAC with on–board data
latches. The SP7545 is constructed using a proprietary low–TCR thin–film process that
requires no laser–trimming to achieve 12–bit performance. With no laser–trimming, inherent
high stability, and a segmented (decoded) DAC architecture, the SP7545 retains its
performance over time and temperature. The SP7545 is available for use in commercial and
industrial temperature ranges. It is available in 20–pin plastic DIP and PLCC packages.
s
±1.0 LSB Relative Accuracy Over
Temperature
s Monotonic to 12–Bits Over
Temperature
s High Stability, Segmented Architecture
s Proprietary, Low TCR Thin–Film
Resistor Technology
s Operates With +5V to +15V Power
Supplies
s On-Board, Level–Triggered Latches
s 2kVESD Protection on all Digital
Inputs
D11 (MSB) [4]
D10 [5]
D9 [6]
D8 [7]
D7 [8]
D6 [9]
D5 [10]
D4 [11]
D3 [12]
D2 [13]
D1 [14]
D0 (LSB) [15]
12–BIT
DAC
REGISTER
VREF [19]
RFB [20]
IO1 [1]
AGND [2]
12–BIT
DAC
VDD [18]
GND [3]
Corporation
SIGNAL PROCESSING EXCELLENCE
SP7545
12–Bit, Buffered Multiplying DAC


Similar Part No. - SP7545JCL

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP75-12DRL ASTRODYNE-SP75-12DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
SP75-13.5DRL ASTRODYNE-SP75-13.5DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
SP75-15DRL ASTRODYNE-SP75-15DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
SP75-24DRL ASTRODYNE-SP75-24DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
SP75-27DRL ASTRODYNE-SP75-27DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
More results

Similar Description - SP7545JCL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545A AD-AD7545A Datasheet
317Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
12-Bit, Buffered, Multiplying CMOS DAC
August 1997
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
Double-Buffered 12-Bit Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
12-Bit, Buffered, Multiplying CMOS DAC
May 2001
logo
Analog Devices
AD7545 AD-AD7545 Datasheet
198Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
REV. A
AD7545AKNZ AD-AD7545AKNZ Datasheet
309Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
8-Bit Buffered Multiplying DAC
REV. B
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com