Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9840 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP9840
Description  8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9840 Datasheet(HTML) 2 Page - Sipex Corporation

  SP9840 Datasheet HTML 1Page - Sipex Corporation SP9840 Datasheet HTML 2Page - Sipex Corporation SP9840 Datasheet HTML 3Page - Sipex Corporation SP9840 Datasheet HTML 4Page - Sipex Corporation SP9840 Datasheet HTML 5Page - Sipex Corporation SP9840 Datasheet HTML 6Page - Sipex Corporation SP9840 Datasheet HTML 7Page - Sipex Corporation SP9840 Datasheet HTML 8Page - Sipex Corporation SP9840 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
258
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device
at these or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
DD to GND ...................................................................... -0.3V, +7V
V
INX to GND ............................................................................... VDD
V
REFL to GND ............................................................................. VDD
V
OUTX to GND ............................................................................ VDD
Short Circuit I
OUTX to GND ............................................ Continuous
Digital Input & Output Voltage to GND ....................................... V
DD
Operating Temperature Range
Commercial ............................................................... 0
°C to +70°C
Extended Industrial ................................................. -40
°C to +85°C
Maximum Junction Temperature (T
J max) .......................... +150°C
Storage Temperature ................................................. -65
° to 150°C
Lead Temperature (Soldering, 10 sec) ............................... +300
°C
Package Power Dissipation .................................. (T
J max - TA)/8JA
Thermal Resistance 8
JA
P-DIP .................................................................................. 57
°C/W
SOIC-24 .............................................................................. 70
°C/W
CAUTION:
While all input and output pins have
internal protection networks, these
parts should be considered ESD
(ElectroStatic Discharge) sensitive de-
vices. Permanent damage may occur on
unconnected devices subject to high en-
ergy electrostatic fields. Unused devices
must be stored in conductive foam or
shunts. Personnel should be properly
grounded prior to handling this device.
The protective foam should be discharged
to the destination socket before devices are
removed.
SPECIFICATIONS
(V
DD = +5V, All VINX= 0V, VREFL = 1.625V, TA = 25° C for commercial–grade parts;
T
MIN ≤ TA =
T
MAX for industrial–grade parts; specifications apply to
all DAC's unless noted otherwise.)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SIGNAL INPUTS
Input Voltage Range
0
3.25
V
V
DD = 4.75V, VREFL = 1.625V
Input Resistance
D = 2B
H, Code Dependent
SP9840
3.1
6.2
k
Ω
SP9843
1.55
3.1
k
Ω
Input Capacitance
Note 1
SP9840
19
30
pF
SP9843
38
60
pF
V
REFL Resistance
0.68
1.3
k
Ω
Note 1 and 2
V
REFL Capacitance
190
250
pF
Note 1
DIGITAL INPUTS
Logic High
2.4
V
Logic Low
0.8
V
Input Current
±10
µA
Input Capacitance
8
pF
Input Coding
Offset Binary
Note 3
STATIC ACCURACY
Resolution
8
Bits
Integral Nonlinearity
±0.75
±1.5
LSB
Note 4
Differential Nonlinearity
±0.3
±1
LSB
Note 4
Half-Scale Output Voltage
1.600
1.625
1.650
V
PR = LOW, V
REFL = 1.625V
Minimum Output Voltage
20
100
mV
D=FF
H; ISINK = 0.1mA
Output Voltage Drift
25
µV/°C
PR = LOW
DYNAMIC PERFORMANCE
Multiplying Gain Bandwidth
3
5
MHz
V
IN(X) = 100mVP–P + 1.625V dc
Slew Rate
Measured 10% to 90%
Positive
3.0
7.9
V/
µs
∆V = 3.2V
Negative
–3.0
–8.3
V/
µs
∆V = –3.2V
Total Harmonic Distortion
0.003
%
V
IN(X) = 3VP–P +1.625V dc,
D=FFH; 1KHz, fLP=80KHz
Output Settling Time
0.7
µs
±1 LSB Error Band
Crosstalk
60
70
dB
Note 5
Digital Feedthrough
6
nVs
D = 0
H to FFH
Wideband Noise
42.5
µVrms
V
OUT = 3.25V, 400Hz to 80kHz
SINAD
89
dB
V
IN(X) = 3VP–P +1.625V dc,
D=FFH; 1KHz, fLP=80KHz
Digital Crosstalk
6
nVs
Note 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com