Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9840 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP9840
Description  8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9840 Datasheet(HTML) 5 Page - Sipex Corporation

  SP9840 Datasheet HTML 1Page - Sipex Corporation SP9840 Datasheet HTML 2Page - Sipex Corporation SP9840 Datasheet HTML 3Page - Sipex Corporation SP9840 Datasheet HTML 4Page - Sipex Corporation SP9840 Datasheet HTML 5Page - Sipex Corporation SP9840 Datasheet HTML 6Page - Sipex Corporation SP9840 Datasheet HTML 7Page - Sipex Corporation SP9840 Datasheet HTML 8Page - Sipex Corporation SP9840 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
261
Pin 9 — V
OUTF — DACF Voltage Output.
Pin 10 — V
OUTG — DACG Voltage Output.
Pin 11 — V
OUTH — DACH Voltage Output.
Pin12—V
ING/H — DACG and H Reference Voltage
Input.
Pin 13 — LOADH — Load DAC Register Strobe;
active high input that transfers the data bits from the
Serial Input Register into the decoded DAC Register.
Refer to Table 1.
Pin14—CLOCK—SerialClockInput;positive-edge
triggered.
Pin15—SDO—SerialDataOutput;activetotem-pole
output.
Pin 16 — GND — Ground.
Pin 17 — SDI — Serial Data Input.
Pin 18 — V
DD — Positive 5V Power Supply.
Pin19—V
INC/D — DACC and D Reference Voltage
Input.
Pin 20 — V
OUTD — DACD Voltage Output.
SP9840/SP9843
Theory of Operation
Each of the eight channels of the SP9840/9843
can be used for signal reconstruction, as a pro-
grammable DC source, or as a programmable
signed attenuator of –1 to +0.992 times a multi-
plying AC reference input. The rugged wideband
output amplifiers provide both current sink and
source capability to DC applications, even into
difficult loads. The DC source mode mimics the
functionality of a programmable trimpot, with
the added benefit of a low–impedance buffered
output. The amplifier's bandwidth and high open
loop gain allow use in programmable signed
attenuator applications where even low–distor-
tion, high resolution signals, such as audio, must
be gated on and off, programmable phase shifted
by 0
° or 180° or gain controlled over a –42 to
0dB range at either phase.
Each channel consists of a voltage–output DAC,
realized using CMOS switches and thin–film
resistors in an inverted R–2R configuration.
Each DAC drives the positive terminal of an op
amp, configured for a gain of –1 to +1 using
equal value thin–film feedback and gain–setting
resistors. Signal return is the V
REFL pin, the
common reference input return for the eight
DAC–op amp channels.
As shown in Figure 1, the DAC section can be
thought of as a potentiometer across V
IN(X) to
V
REFL. If this potentiometer is set to its minimum
value of 0/256, the potentiometer will have no
effect on the gain, and the output will be –R
F/RIN
= –1 times the input. If the potentiometer could
be set to 256/256, then the amplifier positive
terminal would see 100% of any input and no
current would flow through R
IN. The circuit
would behave as a non–inverting unity gain
circuit, although with a noise gain of two, not
one. In reality, the "potentiometer" can only be
set to 255/256, and the maximum positive gain
is 0.992 times the voltage between V
IN(X) and
V
REFL.
The true relation between the DC levels at the
V
IN(X) pins, VREFL and the output can be de-
scribed as:
F1
where D is programmable from 0 to 255.
For single supply operation V
REFL is usually
externally driven to some voltage above ground
— typically 1.5 to 2.5V. IF V
REFL is driven to
1.5V, and V
IN(X) is grounded, then code 0
would output +3.0V, and code 255 would output
+11.7mV. If V
REFL were grounded and VIN(X)
driven to 1.5V, then codes between 0 and 128
would attempt to drive the output below ground,
which will saturate the output amplifier at some
voltage slightly above ground.
V
D
VV
V
OUT
IN
REFL
REFL
=
()−
()∗−
()
+
128
1
USING THE SP9840/9843
Multiplication of Input Voltages
While both the SP9840 and SP9843 are capable of
four–quadrant multiplication, this terminology is not



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com