Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9840 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP9840
Description  8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9840 Datasheet(HTML) 1 Page - Sipex Corporation

  SP9840 Datasheet HTML 1Page - Sipex Corporation SP9840 Datasheet HTML 2Page - Sipex Corporation SP9840 Datasheet HTML 3Page - Sipex Corporation SP9840 Datasheet HTML 4Page - Sipex Corporation SP9840 Datasheet HTML 5Page - Sipex Corporation SP9840 Datasheet HTML 6Page - Sipex Corporation SP9840 Datasheet HTML 7Page - Sipex Corporation SP9840 Datasheet HTML 8Page - Sipex Corporation SP9840 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
257
s Replaces 8 Potentiometers and 8 Op amps
s Operates from Single +5V Supply
s 5 MHz 4-Quadrant Multiplying Band-
width
s Eight Inputs/Eight Outputs (SP9840)
Four Inputs/Eight Outputs (SP9843)
s 3-Wire Serial Input
s 0.8MHz Data Update Rate
s +3.25V Output Swing
s Midscale Preset
s Programmable Signal Inversion
s Low 70mW Power Dissipation
(9mW/DAC)
–
+
4
8
8
8
DAC 1
DAC 8
8
8 x 8
DAC
REGISTER
SERIAL
REGISTER
LOGIC
Decoded
Address
Data
Clock
Serial Data Input
Serial Data Output
Preset
Load
V
IN1
V
OUT1
V
IN8
V
OUT8
V
REF Low
SP9840 shown
DESCRIPTION…
The SP9840 and SP9843 are general purpose octal DACs in a single package. The SP9840
features eight individual reference inputs, while the SP9843 provides four pair of voltage
reference inputs. Both parts feature 5MHz bandwidth, four–quadrant multiplication, and a three–
wire serial interface. Other features include midscale preset, programmable signal inversion and
low power dissipation from a single +5V supply. Devices are available in commercial and
industrial temperature ranges.
SP9840/43
8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC


Similar Part No. - SP9840

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9841 SIPEX-SP9841 Datasheet
738Kb / 32P
8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841BN SIPEX-SP9841BN Datasheet
738Kb / 32P
8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841BS SIPEX-SP9841BS Datasheet
738Kb / 32P
8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841KN SIPEX-SP9841KN Datasheet
738Kb / 32P
8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
SP9841KS SIPEX-SP9841KS Datasheet
738Kb / 32P
8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
More results

Similar Description - SP9840

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8842 AD-AD8842 Datasheet
506Kb / 12P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV.0
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
logo
Sipex Corporation
SP9841 SIPEX-SP9841 Datasheet
738Kb / 32P
8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
logo
Analog Devices
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
8-Bit Buffered Multiplying DAC
REV. B
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com