Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT1051 Datasheet(PDF) 13 Page - Micon Design Technology Corporation

Part # MDT1051
Description  8-bit micro-controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT1051 Datasheet(HTML) 13 Page - Micon Design Technology Corporation

Back Button MDT1051 Datasheet HTML 5Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 6Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 7Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 8Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 9Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 10Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 11Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 12Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 13Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MDT1051
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P.13
2005/6
Ver. 1.9
These parameters are for reference only.
6. PRD :
(1)PRD reset voltage :
Voltage
Vh
4.2
±5%
Vl
3.8
±5%
Unit = V
These parameters are for reference only.
(2) PRD reset current :
Current
4.2V
100
3.8V
80
Unit = uA
These parameters are for reference only.
7. Min Operation Voltage :
C =>
10p
20p
30p
XT, 20M
2.5
2.5
2.5
HF, 20M
2.5
2.5
2.5
Unit = V
RC, 1k, no cap.
2.5
Unit = V
C =>
0p
10p
20p
LF, 1M
2.6
2.9
3.1
Unit = V
These parameters are for reference only.
8. Pull high/low resistor :
Vdd
5V
3V
Pull high
35
65
Pull low
35
65
Unit = kOhm
These parameters are for reference only.
9. MCLR filter time :
Vdd=5V
time
600
Unit = ns
These parameters are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com