Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT1051 Datasheet(PDF) 6 Page - Micon Design Technology Corporation

Part # MDT1051
Description  8-bit micro-controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT1051 Datasheet(HTML) 6 Page - Micon Design Technology Corporation

Back Button MDT1051 Datasheet HTML 2Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 3Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 4Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 5Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 6Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 7Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 8Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 9Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 10Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MDT1051
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P.6
2005/6
Ver. 1.9
(12) TMR (Time Mode Register) : R81
Bit
Symbol
Function
Prescaler Value
RTCC rate
WDT rate
2
—0
PS2
—0
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
3
PSC
Prescaler assignment bit :
0
— RTCC
1
— Watchdog Timer
4
TCE
RTCC signal Edge :
0
— Increment on low-to-high transition on RTCC pin
1
— Increment on high-to-low transition on RTCC pin
5
TCS
RTCC signal set :
0
— Internal instruction cycle clock
1
— Transition on RTCC pin
6
IES
Interrupt edge select
0
— Interrupt on falling edge on PB0
1
— Interrupt on rising edge on PB0
7
PBPH
PORTB pull-hi
0
— PORTB pull-hi are enable
1
— PORTB pull-hi are disable
(13) CPIO A (Control Port I/O Mode Register) : R85
=“0”, I/O pin in output mode;
=“1”, I/O pin in input mode.
(14) CPIO B (Control Port I/O Mode Register) : R86
=“0”, I/O pin in output mode;
=“1”, I/O pin in input mode.
(15) PSTA : R87
Bit
Symbol
Function
0
PRDB
0:Power range-detector Reset occurred
1:No Power range-detector Reset Occurred
1
PORB
0:Power on Reset occurred
1:No Power on Reset occurred
(16) ADS1 ( A/D Status Register ) : R88
Bit
Symbol
Function
1,0
PAVM1-0
00 : PA0 - 3 = analog input . VREF = VDD
01 : PA0 - 2 = analog input . PA3 =ref input, VREF =PA3
10 : PA0 - 1 = analog input. PA2-3 = digital I/O ,VREF = VDD
11 : PA0 - 3 = digital I/O , VREF = VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com