Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT1051 Datasheet(PDF) 4 Page - Micon Design Technology Corporation

Part # MDT1051
Description  8-bit micro-controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT1051 Datasheet(HTML) 4 Page - Micon Design Technology Corporation

  MDT1051 Datasheet HTML 1Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 2Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 3Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 4Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 5Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 6Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 7Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 8Page - Micon Design Technology Corporation MDT1051 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MDT1051
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P.4
2005/6
Ver. 1.9
(4) STATUS (Status register) : R03
Bit
Symbol
Function
0
1
2
3
4
5
7~6
C
HC
Z
PF
TF
RBS0
——
Carry bit
Half Carry bit
Zero bit
Power down Flag bit
WDT Timer overflow Flag bit
Register Bank Select bit :
0 : 00H --- 7FH
1 : 80H --- FFH
General purpose bit
(5) MSR (Memory Bank Select Register) : R4
Memory Bank Select Register :
0 : 00~7F
1 : 80~FF
b7
b6
b5
b4
b3
b2
b1
b0
Indirect Addressing Mode
(6) PORT A : R05
PA4~PA0, I/O Register
(7) PORT B : R06
PB7~PB0, I/O Register
(8) ADS0 ( A/D Status Register ) : R08
Bit
Symbol
Function
0
ADRUN
0 : A/D converter module is shut off and consumes no operating current
1 : A/D converter module is operating
1
ADIF
A/D conversion complete interrupt flag bit
Set when conversion is completed. Reset in software.
2
GO/DONEB
GO/DONEB must be set to begin a conversion . It is automatically reset
in hardware when the conversion is complete
4,3
CHS1-0
00 : AIC0 01 : AIC1 10 : AIC2
11 : AIC3
5
Reserved
Can be used as a general purpose r/w bit
7,6
ASCS1-0
00 : fosc/2 01: fosc/8 10 : fosc/32 11 : f RC (*Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com