Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3LV02DL Datasheet(PDF) 19 Page - STMicroelectronics

Part # LIS3LV02DL
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3LV02DL Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LIS3LV02DL Datasheet HTML 15Page - STMicroelectronics LIS3LV02DL Datasheet HTML 16Page - STMicroelectronics LIS3LV02DL Datasheet HTML 17Page - STMicroelectronics LIS3LV02DL Datasheet HTML 18Page - STMicroelectronics LIS3LV02DL Datasheet HTML 19Page - STMicroelectronics LIS3LV02DL Datasheet HTML 20Page - STMicroelectronics LIS3LV02DL Datasheet HTML 21Page - STMicroelectronics LIS3LV02DL Datasheet HTML 22Page - STMicroelectronics LIS3LV02DL Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LIS3LV02DL
Digital Interfaces
19/36
The SPI Read command is performed with 16 clock pulses:
bit 0: READ bit. The value is 1.
bit 1: MS bit. When 0 do not increment address, when 1 increment address in multiple reading.
bit 2-7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DO(7:0) (read mode). This is the data that will be read from the device (MSb
first).
Multiple read command is also available in 3-wires mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com