Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3LV02DL Datasheet(PDF) 21 Page - STMicroelectronics

Part # LIS3LV02DL
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3LV02DL Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LIS3LV02DL Datasheet HTML 17Page - STMicroelectronics LIS3LV02DL Datasheet HTML 18Page - STMicroelectronics LIS3LV02DL Datasheet HTML 19Page - STMicroelectronics LIS3LV02DL Datasheet HTML 20Page - STMicroelectronics LIS3LV02DL Datasheet HTML 21Page - STMicroelectronics LIS3LV02DL Datasheet HTML 22Page - STMicroelectronics LIS3LV02DL Datasheet HTML 23Page - STMicroelectronics LIS3LV02DL Datasheet HTML 24Page - STMicroelectronics LIS3LV02DL Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LIS3LV02DL
Register mapping
21/36
Registers marked as reserved must not be changed. The writing to those registers may cause
permanent damages to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is powered-
up.
FF_WU_THS_H
rw
0110101
35
00000000
FF_WU_DURATION
rw
0110110
36
00000000
0110111
37
Not Used
DD_CFG
rw
0111000
38
00000000
DD_SRC
rw
0111001
39
00000000
DD_ACK
r
0111010
3A
dummy
Dummy register
0111011
3B
Not Used
DD_THSI_L
rw
0111100
3C
00000000
DD_THSI_H
rw
0111101
3D
00000000
DD_THSE_L
rw
0111110
3E
00000000
DD_THSE_H
rw
0111111
3F
00000000
1000000-1111111
40-7F
Reserved
Table 7.
Registers address map (continued)
Reg. Name
Type
Register Address
Default
Comment
Binary
Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com