Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3LV02DL Datasheet(PDF) 23 Page - STMicroelectronics

Part # LIS3LV02DL
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3LV02DL Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LIS3LV02DL Datasheet HTML 19Page - STMicroelectronics LIS3LV02DL Datasheet HTML 20Page - STMicroelectronics LIS3LV02DL Datasheet HTML 21Page - STMicroelectronics LIS3LV02DL Datasheet HTML 22Page - STMicroelectronics LIS3LV02DL Datasheet HTML 23Page - STMicroelectronics LIS3LV02DL Datasheet HTML 24Page - STMicroelectronics LIS3LV02DL Datasheet HTML 25Page - STMicroelectronics LIS3LV02DL Datasheet HTML 26Page - STMicroelectronics LIS3LV02DL Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LIS3LV02DL
Register Description
23/36
7.5
GAIN_X (19h)
7.6
GAIN_Y (1Ah)
7.7
GAIN_Z (1Bh)
7.8
CTRL_REG1 (20h)
PD1, PD0 bit allows to turn on the turn the device out of power-down mode. The device is in
power-down mode when PD1, PD0= “00” (default value after boot). The device is in normal
mode when either PD1 or PD0 is set to 1.
DF1, DF0 bit allows to select the data rate at which acceleration samples are produced. The
default value is 00 which corresponds to a data-rate of 40Hz. By changing the content of DF1,
DF0 to “01”, “10” and “11” the selected data-rate will be set respectively equal to 160Hz, 640Hz
and to 2560Hz.
GX7
GX6
GX5
GX4
GX3
GX2
GX1
GX0
GX7, GX0
Digital Gain Trimming for X-Axis
GY7GY6
GY5GY4
GY3GY2
GY1GY0
GY7, GY0
Digital Gain Trimming for Y-Axis
GZ7GZ6
GZ5GZ4
GZ3GZ2
GZ1
GZ0
GZ7, GZ0
Digital Gain Trimming for Z-Axis
PD1
PD0
DF1
DF0
ST
Zen
Yen
Xen
PD1, PD0
Power Down Control
(00: power-down mode; 01, 10, 11: device on)
DF1, DF0
Decimation Factor Control
(00: decimate by 512; 01: decimate by 128; 10: decimate by 32; 11: decimate by 8)
ST
Self Test Enable
(0: normal mode; 1: self-test active)
Zen
Z-axis enable
(0: axis off; 1: axis on)
Yen
Y-axis enable
(0: axis off; 1: axis on)
Xen
X-axis enable
(0: axis off; 1: axis on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com