Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106ACGZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA1106ACGZN-R7
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106ACGZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA1106ACGZN-R7 Datasheet HTML 2Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 3Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
ADPA1106
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 6 of 19
Figure 7. Small Signal Gain and Return Loss vs. Frequency
Figure 8. Input Return Loss vs. Frequency at Various Temperatures
Figure 9. Small Signal Gain vs. Frequency at Various Supply Voltages,
IDQ = 300 mA
Figure 10. Small Signal Gain vs. Frequency at Various Temperatures
Figure 11. Output Return Loss vs. Frequency at Various Temperatures
Figure 12. Small Signal Gain vs. Frequency at Various IDQ,
VDD1 and VDD2 = 50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com