Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106ACGZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA1106ACGZN-R7
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106ACGZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA1106ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 16Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 17Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet
ADPA1106
THEORY OF OPERATION
analog.com
Rev. 0 | 14 of 19
The ADPA1106 is a GaN power amplifier that delivers 46 dBm
(40 W) of pulsed power. The device consists of two cascaded gain
stages. A simplified basic block diagram is shown in Figure 51.
The recommended dc bias conditions put the device into deep
Class AB operation, allowing an RF PIN of 21 dBm to produce a
typical pulsed POUT and PAE of 46 dBm and 56%, respectively,
across the 2.7 GHz to 3.5 GHz frequency range. The bias voltage
applied to the VDD1 and VDD2 pins bias the drains of the first and
second gain stages, respectively (the VDD1 and VDD2 must be tied
together).
The dc voltages applied to the VGG1 and VGG2 pins bias the gates
of the first and second gain stages, respectively, allowing control of
the drain currents for each stage (the VGG1 and VGG2 pins must
be tied together).
The ADPA1106 has single-ended RFIN and RFOUT ports that are
dc blocked. The impedance of these ports is nominally 50 Ω over
the 2.7 GHz to 3.5 GHz operating frequency range. Consequently,
the ADPA1106 can be directly inserted into a 50 Ω system without
the need for external impedance matching components or ac cou-
pling capacitors.
A portion of the RF output signal (RFOUT) is directionally coupled
to a diode to detect the RF POUT. When the diode is dc biased, it
rectifies the RF power and makes it available as a dc voltage at
VDET. To allow temperature compensation of VDET, the reference
dc voltage detected through an identical diode that is not coupled to
the RF power is available on the VREF pin. The difference of VREF
− VDET provides a temperature compensated detector voltage that
is proportional to the RF POUT.
Figure 51. Basic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com