Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106ACGZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA1106ACGZN-R7
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106ACGZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA1106ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 16Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 17Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 18Page - Analog Devices ADPA1106ACGZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADPA1106
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 15 of 19
BASIC CONNECTIONS
The basic connections for operating the ADPA1106 are shown in
Figure 52. Apply a power supply voltage between 45 V and 55 V
(nominally 50 V) to the VDD1 and VDD2 pins (Pin 31 and Pin 28,
respectively). Decouple each pin with the capacitor values shown
in Figure 52. Place 3.9 Ω resistors in series with the two 390 pF
power supply decoupling capacitors connected to VDD2 and VDD1.
In addition, place a 3.9 Ω resistor in series with a 1000 pF capacitor
connected to VDD1. Tie together the two gate voltage pins, VGG1
and VGG2, and drive these pins as shown in Figure 52. Pin 4,
Pin 5, Pin 7, Pin 12, Pin 13, Pin 18, Pin 22, Pin 23, Pin 26,
Pin 27, Pin 29, and Pin 30 are designated as not internally connect-
ed (NIC) pins. Although these pins are not internally connected, the
NIC pins were all connected to ground during the characterization
of the device.
The decoupling capacitors on the VDD1, VDD2, VGG1, and VGG2
lines represent the configuration that was used to characterize the
ADPA1106. It is possible to reduce the number of capacitors on
the VGG1 and VGG2 lines. General guidance is to first remove
or combine the largest value capacitors that are farthest from the
device. All of the capacitors and resistors connected to the VDD1
and VDD2 pins in Figure 52 must be used.
External bias is provided to the on-chip RF detection circuit via two
100 kΩ resistors that are pulled up to 5 V, which results in a current
draw of approximately 100 μA. An operational amplifier configured
as a differential amplifier can be used to subtract VDET from VREF
to yield a temperature compensated voltage that is proportional to
the RF POUT (see Figure 53).
Because the ADPA1106 cannot support continuous operation, the
device must be operated in pulsed mode by pulsing either the gate
voltage or the drain voltage.
Apply a voltage between 0 V and −4 V to VGG1 and VGG2 and then
adjust the voltage until the desired IDQ has been achieved.
In gate pulsed mode, VDD is held at a fixed level (nominally +50 V)
while the gate voltage is pulsed between −4 V (off) and approxi-
mately −2.3 V (on). The exact on level can be adjusted to achieve
the desired IDQ.
In drain pulsed mode, the VDD voltage is pulsed on and off while the
gate voltage is held at a fixed negative level between 0 V and
−4 V. Because high currents and voltages are being switched on
and off, a metal-oxide semiconductor field effect transistor (MOS-
FET) and a MOSFET switch driver are required in the circuit. Large
capacitors are also required, which act as local reservoirs of charge
and help provide the drain current required by the ADPA1106 while
maintaining a steady drain voltage during the on time of the pulse.
The ADPA1106-EVALZ evaluation board package includes a plugin
pulser board that contains the required circuitry to implement drain
pulsed mode. See the ADPA1106-EVALZ for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com