Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33153 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC33153
Description  4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33153 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC33153 Datasheet HTML 17Page - Microchip Technology MIC33153 Datasheet HTML 18Page - Microchip Technology MIC33153 Datasheet HTML 19Page - Microchip Technology MIC33153 Datasheet HTML 20Page - Microchip Technology MIC33153 Datasheet HTML 21Page - Microchip Technology MIC33153 Datasheet HTML 22Page - Microchip Technology MIC33153 Datasheet HTML 23Page - Microchip Technology MIC33153 Datasheet HTML 24Page - Microchip Technology MIC33153 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006223B-page 21
MIC33153
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2018 Microchip Technology Inc.
X1
Y1
G2
Y3
G2
Y4
X2
G3
C
EV
Y2
G2
ØV
X3
G4
E
Dimension Limits
Units
Exposed Pad Width
Exposed Pad Length
Contact Pitch
Y2
X2
1.80
1.33
MILLIMETERS
0.50 BSC
MIN
E
MAX
Contact Pad Length (Xnn)
Y1
0.55
NOM
C
Contact Pad Spacing
2.80
Contact Pad to Contact Pad
G1
0.25
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
Contact Pad to Exposed Pad
G2
0.23
Y4
Exposed Pad Length
0.82
Y3
Exposed Pad Length
0.22
Contact Pad Width (Xnn)
X1
0.25
Exposed Pad Width
X3
1.25
Package Center to Exposed Pad
G3
0.17
Package Center to Exposed Pad
G4
0.38
G1
RECOMMENDED LAND PATTERN
SILK SCREEN
Microchip Technology Drawing C04-1062 Rev A Sheet 1 of 2
14-Lead Thin Plastic Dual Flat, No Lead Package (HAA) - 3.5x3 mm Body [TDFN]
With 1.33x1.80 Exposed Pad and Fused Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com