Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33153 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC33153
Description  4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33153 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC33153 Datasheet HTML 9Page - Microchip Technology MIC33153 Datasheet HTML 10Page - Microchip Technology MIC33153 Datasheet HTML 11Page - Microchip Technology MIC33153 Datasheet HTML 12Page - Microchip Technology MIC33153 Datasheet HTML 13Page - Microchip Technology MIC33153 Datasheet HTML 14Page - Microchip Technology MIC33153 Datasheet HTML 15Page - Microchip Technology MIC33153 Datasheet HTML 16Page - Microchip Technology MIC33153 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006223B-page 13
MIC33153
4.0
FUNCTIONAL DESCRIPTION
4.1
VIN
The input supply (VIN) provides power to the internal
MOSFETs for the switch mode regulator along with the
internal control circuitry. The VIN operating range is
2.7V to 5.5V so an input capacitor, with a minimum
voltage rating of 6.3V, is recommended. Due to the high
switching speed, a minimum 2.2 µF bypass capacitor
placed close to VIN and the power ground (PGND) pin
is required.
4.2
EN
A logic high signal on the enable pin activates the
output voltage of the device. A logic low signal on the
enable pin deactivates the output and reduces supply
current to 0.01 µA. MIC33153 features external
soft-start circuitry via the soft-start (SS) pin that
reduces in rush current and prevents the output voltage
from overshooting at start up. Do not leave the EN pin
floating.
4.3
SW
The switch (SW) connects directly to one end of the
inductor and provides the current path during switching
cycles. The other end of the inductor is connected to
the load, SNS pin and output capacitor. Due to the high
speed switching on this pin, the switch node should be
routed away from sensitive nodes whenever possible.
4.4
SNS
The sense (SNS) pin is connected to the output of the
device to provide feedback to the control circuitry. The
SNS connection should be placed close to the output
capacitor.
4.5
AGND
The analog ground (AGND) is the ground path for the
biasing and control circuitry. The current loop for the
signal ground should be separate from the power
ground (PGND) loop.
4.6
PGND
The power ground pin is the ground path for the high
current in PWM mode. The current loop for the power
ground should be as small as possible and separate
from the analog ground (AGND) loop as applicable.
4.7
Power Good (PG)
The Power Good (PG) pin is an open-drain output that
indicates logic high when the output voltage is typically
above 92% of its steady state voltage. When the output
voltage is below 86%, the PG pin indicates logic low. A
pull up resistor of more than 10 kΩ should be
connected from PG to VOUT.
4.8
Soft-Start
The soft-start (SS) pin is used to control the output
voltage ramp up time. The approximate equation for
the ramp time in milliseconds is:
EQUATION 4-1:
For example, for a CSS = 470 pF, TRISE ~ 0.3 ms or
300 µs. See Section 2.0, Typical Performance Curves
for a graphical guide. The minimum recommended
value for CSS is 100 pF.
4.9
FB
The feedback (FB) pin is provided for the adjustable
voltage option (no internal connection for fixed
options). This is the control input for programming the
output voltage. A resistor divider network is connected
to this pin from the output and is compared to the
internal 0.62V reference within the regulation loop.
The output voltage can be programmed between 0.65V
and 3.6V using the following equation:
EQUATION 4-2:
tSS 270 10
3 ln 10
 
CSS
=
Where:
tSS =
Soft-start ramp up time of VOUT
CSS = External soft-start capacitance (in Farads)
VOUT VREF 1 R1
R2
-------
+
=
Where:
R1 =
Top resistor
R2 =
Bottom resistor
VREF =
0.62V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com