Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4832 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC4832
Description  Low-Noise 220VPP EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4832 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC4832 Datasheet HTML 14Page - Microchip Technology MIC4832 Datasheet HTML 15Page - Microchip Technology MIC4832 Datasheet HTML 16Page - Microchip Technology MIC4832 Datasheet HTML 17Page - Microchip Technology MIC4832 Datasheet HTML 18Page - Microchip Technology MIC4832 Datasheet HTML 19Page - Microchip Technology MIC4832 Datasheet HTML 20Page - Microchip Technology MIC4832 Datasheet HTML 21Page - Microchip Technology MIC4832 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006163B-page 19
MIC4832
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC4832YMM:
MIC4832, –40°C to +85°C
Temperature Range, 8-Lead
MSOP, 100/Tube
b) MIC4832YMM-TR:
MIC4832, –40°C to +85°C
Temperature Range, 8-Lead
MSOP, 2,500/Reel
c) MIC4832YML-TR:
MIC4832, –40°C to +85°C
Temperature Range, 8-Lead
3 mm x 3 mm DFN,
5,000/Reel
Device:
MIC4832:
Low Noise 220VPP EL Driver
Junction
Temperature
Range:
Y
=
–40°C to +85°C, Industrial
Package:
MM =
8-Lead MSOP
ML =
8-Lead 3 mm x 3 mm DFN
Media Type:
<blank>= 100/Tube (MM Package)
TR =
2,500/Reel (MM Package)
TR =
5,000/Reel (ML Package)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
X
XX
-XX
Part No.
Junction Temp.
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com