Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4832 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC4832
Description  Low-Noise 220VPP EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4832 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC4832 Datasheet HTML 7Page - Microchip Technology MIC4832 Datasheet HTML 8Page - Microchip Technology MIC4832 Datasheet HTML 9Page - Microchip Technology MIC4832 Datasheet HTML 10Page - Microchip Technology MIC4832 Datasheet HTML 11Page - Microchip Technology MIC4832 Datasheet HTML 12Page - Microchip Technology MIC4832 Datasheet HTML 13Page - Microchip Technology MIC4832 Datasheet HTML 14Page - Microchip Technology MIC4832 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006163B-page 11
MIC4832
6.0
APPLICATION CIRCUIT
FIGURE 6-1:
Typical Li-Ion Powered MIC4832 Circuit.
Table 6-1 applies to the circuit shown in Figure 6-1.
TABLE 6-1:
RECOMMENDED RSW & REL VALUES FOR VARIOUS PANEL SIZES
Size
Cap.
Lamp
Freq.
100 Hz 200 Hz 300 Hz 400 Hz 500 Hz 600 Hz 700 Hz 800 Hz 900 Hz
—
—
REL
2.82 MΩ 1.69 MΩ 1.1 MΩ 0.837 MΩ 0.665 MΩ 0.562 MΩ 0.471 MΩ 0.409 MΩ 0.369 MΩ
0.4 in2
2 nF
RSW
240 kΩ
252 kΩ
273 kΩ
281 kΩ
257 kΩ
269 kΩ
281 kΩ
—
—
fSW
150 kHz 143 kHz 132 kHz 128 kHz 116 kHz 105 kHz 98 kHz
—
—
1 in2
5 nF
RSW
257 kΩ
295 kΩ
353 kΩ
—
—
—
—
—
—
fSW
140 kHz 122 kHz 102 kHz
—
—
—
—
—
—
2 in2
10 nF
RSW
300 kΩ
333 kΩ
—
—
—
—
—
—
—
fSW
120 kHz 108 kHz
—
—
—
—
—
—
—
3 in2
15 nF
RSW
313 kΩ
—
—
—
—
—
—
—
—
fSW
115 kHz
—
—
—
—
—
—
—
—
VDD
RSW
REL
GND
SW
CS
220μH
BAS20W
R
SW
R
EL
2.2μF
2.7nF
250V
3V - 4.2V
MIC4832
VA
VB
EL LAMP
L1
D1
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com