Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4832 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC4832
Description  Low-Noise 220VPP EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4832 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC4832 Datasheet HTML 5Page - Microchip Technology MIC4832 Datasheet HTML 6Page - Microchip Technology MIC4832 Datasheet HTML 7Page - Microchip Technology MIC4832 Datasheet HTML 8Page - Microchip Technology MIC4832 Datasheet HTML 9Page - Microchip Technology MIC4832 Datasheet HTML 10Page - Microchip Technology MIC4832 Datasheet HTML 11Page - Microchip Technology MIC4832 Datasheet HTML 12Page - Microchip Technology MIC4832 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006163B-page 9
MIC4832
In general, as the EL lamp frequency increases, the
amount of current drawn from the battery will increase.
The color of the EL lamp and the intensity are
dependent upon its frequency.
FIGURE 4-3:
300 Hz Output Waveform.
4.5
Enable Function
The MIC4832 is disabled by connecting the external
resistor (RSW) to GND. This turns off the switch
oscillator of the boost converter. Connecting the
external resistor (RSW) to VDD enables the oscillator
and turns on the device. The enable voltage should rise
or fall monotonically without interruption.
VIN = 3.6V
IIN = 21mA
L = 220μH
COUT = 2.7nF
LAMP = 1 in2
RSW
REL
Time (2ms/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com