Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79520-I/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP79520-I/MS
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79520-I/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP79520-I/MS Datasheet HTML 1Page - Microchip Technology MCP79520-I/MS Datasheet HTML 2Page - Microchip Technology MCP79520-I/MS Datasheet HTML 3Page - Microchip Technology MCP79520-I/MS Datasheet HTML 4Page - Microchip Technology MCP79520-I/MS Datasheet HTML 5Page - Microchip Technology MCP79520-I/MS Datasheet HTML 6Page - Microchip Technology MCP79520-I/MS Datasheet HTML 7Page - Microchip Technology MCP79520-I/MS Datasheet HTML 8Page - Microchip Technology MCP79520-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 1
MCP7951X/MCP7952X
Timekeeping Features
• Real-Time Clock/Calendar (RTCC):
- Hours, minutes, seconds, hundredth of
seconds, day of week, date, month, year
- Leap year compensated to 2399
- 12/24-hour modes
• Oscillator for 32.768 kHz Crystals:
- Optimized for 6-9 pF crystals
• On-Chip Digital Trimming/Calibration:
- ±1 ppm resolution
- ±259 ppm range
• Dual Programmable Alarms
• Clock Output Function with Selectable Frequency
• Power-Fail Timestamp:
- Time logged on switchover to and from Battery
mode
Low-Power Features
• Wide Voltage Range:
- Operating voltage range of 1.8V to 3.6V
- Backup voltage range of 1.3V to 3.6V
• Low Typical Timekeeping Current:
- Operating from VCC: 1.2 µA at 3.0V
- Operating from VBAT: 1.0 µA at 3.0V
• Automatic Switchover to Battery Backup
User Memory
• 64-Byte Battery-Backed SRAM
• 1 Kbit or 2 Kbit EEPROM:
- Software write-protect
- Page write up to 8 bytes
- Endurance: one million erase/write cycles
• 128-Bit Protected EEPROM Area:
- Robust write unlock sequence
- EUI-48™ MAC address (MCP795X1)
- EUI-64™ MAC address (MCP795X2)
Operating Ranges
• SPI Serial Interface:
- SPI clock rate up to 5 MHz
• Temperature Range:
- Industrial (I): -40°C to +85°C
• Automotive AEC-Q100 Qualified
Packages
• 10-Lead MSOP
• 10-Lead TDFN
Package Types (not to scale)
Device Selection Table
Part Number
SRAM (Bytes)
EEPROM (Kbits)
Unique ID
MCP79510
64
1
Blank
MCP79520
64
2
Blank
MCP79511
64
1
EUI-48™
MCP79521
64
2
EUI-48™
MCP79512
64
1
EUI-64™
MCP79522
64
2
EUI-64™
Note:
MCP795XX is used in this document as a
generic part number for the MCP7951X
and MCP7952X devices.
SCK
MFP
VCC
X1
MSOP/TDFN
1
2
3
4
5
10
9
8
7
6
SO
CS
VSS
SI
VBAT
X2
Battery-Backed SPI Real-Time Clock/Calendar


Similar Part No. - MCP79520-I/MS

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MCP79520 MAS-MCP79520 Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
More results

Similar Description - MCP79520-I/MS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF2123 NXP-PCF2123_11 Datasheet
844Kb / 63P
SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
SPI Real-Time Clock Calendar
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com