Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79520-I/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP79520-I/MS
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79520-I/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP79520-I/MS Datasheet HTML 6Page - Microchip Technology MCP79520-I/MS Datasheet HTML 7Page - Microchip Technology MCP79520-I/MS Datasheet HTML 8Page - Microchip Technology MCP79520-I/MS Datasheet HTML 9Page - Microchip Technology MCP79520-I/MS Datasheet HTML 10Page - Microchip Technology MCP79520-I/MS Datasheet HTML 11Page - Microchip Technology MCP79520-I/MS Datasheet HTML 12Page - Microchip Technology MCP79520-I/MS Datasheet HTML 13Page - Microchip Technology MCP79520-I/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 10
 2012-2022 Microchip Technology Inc.and its subsidiaries
4.0
SPI BUS OPERATION
The MCP795XX is designed to interface directly with
the Serial Peripheral Interface (SPI) port of many of
today’s popular microcontroller families, including
Microchip’s PIC® microcontrollers. It may also interface
with microcontrollers that do not have a built-in SPI port
by using discrete I/O lines programmed properly in
software to match the SPI protocol.
The MCP795XX contains an 8-bit instruction register.
The device is accessed via the SI pin, with data being
clocked in on the rising edge of SCK. The CS pin must
be low for the entire operation.
Table 4-1 contains a list of the possible instruction
bytes and format for device operation. All instructions,
addresses and data are transferred MSb first, LSb last.
Data (SI) is sampled on the first rising edge of SCK
after CS goes low.
TABLE 4-1:
INSTRUCTION SET SUMMARY
Instruction Name Instruction Format
Description
EEREAD
0000 0011
Read data from EEPROM array beginning at selected address
EEWRITE
0000 0010
Write data to EEPROM array beginning at selected address
EEWRDI
0000 0100
Reset the write enable latch (disable write operations)
EEWREN
0000 0110
Set the write enable latch (enable write operations)
SRREAD
0000 0101
Read STATUS register
SRWRITE
0000 0001
Write STATUS register
READ
0001 0011
Read data from RTCC/SRAM array beginning at selected address
WRITE
0001 0010
Write data to RTCC/SRAM array beginning at selected address
UNLOCK
0001 0100
Unlock the protected EEPROM block for a write operation
IDWRITE
0011 0010
Write data to the protected EEPROM block beginning at selected address
IDREAD
0011 0011
Read data from the protected EEPROM block beginning at the selected
address
CLRRAM
0101 0100
Clear all SRAM data to ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com