Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79520-I/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP79520-I/MS
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79520-I/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP79520-I/MS Datasheet HTML 11Page - Microchip Technology MCP79520-I/MS Datasheet HTML 12Page - Microchip Technology MCP79520-I/MS Datasheet HTML 13Page - Microchip Technology MCP79520-I/MS Datasheet HTML 14Page - Microchip Technology MCP79520-I/MS Datasheet HTML 15Page - Microchip Technology MCP79520-I/MS Datasheet HTML 16Page - Microchip Technology MCP79520-I/MS Datasheet HTML 17Page - Microchip Technology MCP79520-I/MS Datasheet HTML 18Page - Microchip Technology MCP79520-I/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 15
MCP7951X/MCP7952X
FIGURE 5-4:
SUGGESTED PLACEMENT OF THE OSCILLATOR CIRCUIT
5.2.2
EXTERNAL CLOCK INPUT
A 32.768 kHz external clock source can be connected
to the X1 pin (Figure 5-5). When using this
configuration, the X2 pin should be left floating.
FIGURE 5-5:
EXTERNAL CLOCK INPUT
OPERATION
5.2.3
OSCILLATOR FAILURE STATUS
The MCP795XX features an oscillator failure flag,
OSCRUN, that indicates whether or not the oscillator is
running. The OSCRUN bit is automatically set after 32
oscillator cycles are detected. If no oscillator cycles are
detected for more than TOSF, then the OSCRUN bit is
automatically cleared (Figure 5-6). This can occur if the
oscillator is stopped by clearing the ST bit or due to
oscillator failure.
FIGURE 5-6:
OSCILLATOR FAILURE STATUS TIMING DIAGRAM
GND
`
X1
X2
DEVICE PINS
CX1
CX2
GND
X1
X2
Bottom Layer
Copper Pour
Oscillator
Crystal
Top Layer Copper Pour
CX1
CX2
DEVICE PINS
(tied to ground)
(tied to ground)
Single-Sided and In-line Layouts:
Fine-Pitch (Dual-Sided) Layouts:
Oscillator
Crystal
Copper Pour
(tied to ground)
Note:
The EXTOSC bit must be set to enable an
external clock source.
X1
Clock from
Ext. Source
MCP795XX
X1
OSCRUN Bit
< TOSF
TOSF
32 Clock Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com