Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK115B Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK115B
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK115B Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK115B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
Quiescent Current
Thermal Resistance
INPUT
Input Offset Voltage
Input Offset Adjust
Input Bias Current
Input Offset Current
Input Impedance
Common Mode Range
Common Mode Rejection Ratio
OUTPUT
Output Voltage Swing
Output Current, Peak
Settling Time
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Gain Bandwidth Product
Supply Voltage
Output Current
Differential Input Voltage
Case Operating Temperature Range
(MSK 115B/E)
-55°C to+125°C
(MSK 115)
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature Range
300°C
(10 Seconds)
Power Dissipation
See S0A Curve
Junction Temperature
175°C
Group A
Subgroup
-
1
2,3
-
1
2,3
1
2,3
1
2,3
1
2,3
-
-
-
4
4
4
-
4
4
-
V
mA
mA
°C/W
mV
mV
mV
mV
nA
nA
nA
nA
MΩ
V
dB
V
V
A
µS
V/µS
dB
MHz
VIN=0V
AV=-10V/V
Junction to Case
VIN=0V AV=10V/V
Bal.Pins=NC
RPOT=10KΩ To -VCC AV=-10V/V
VCM=0V
Either Input
VCM=0V
F=DC
F=100Hz VCM=±5V
RL=500Ω AV=-10V/V
RL=10Ω RSC ≤ 0.02Ω
AV=-10V/V TJ<175°C
0.1% 10V step
VOUT=±10V RL=500Ω AV=-10V/V
RL=500Ω F=10Hz
RL=10Ω F=1 MHz
±50V
15A
±37V
±VCC
IOUT
VIN
TC
Parameter
TST
TLD
PD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Test Conditions
NOTES:
AV= -1, measured in false summing junction circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
Subgroup 2,5
Subgroup 3,6
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
MSK 115B/E
Min.
±10
-
-
-
-
-
-
-
-
-
50
-
80
±35
±35
15
-
2.5
95
-
Typ.
-
±22
±28
0.43
±2
±3
±10
±15
±5
±10
250
±35
100
±37
±37
-
2
5
105
4
Max.
±50
±35
±45
0.55
±6
±12
±30
±60
±30
±50
-
-
-
-
-
-
-
-
-
-
Typ.
-
±22
-
0.43
±2
-
-
±10
-
±5
-
250
±35
100
±37
±37
-
5
2.5
105
3
MSK 115
Min.
±10
-
-
-
-
-
-
-
-
-
-
35
-
74
±33
±33
10
-
1
85
-
Max.
±50
±40
-
0.6
±10
-
-
±50
-
±50
-
-
-
-
-
-
-
-
-
-
-
Units
Rev. A 6/02
2
±Vcc=40VDC Unless Otherwise Specified
1
5
3
4
2
6
Adjust to zero
Adjust to zero
2
2
Adjust to zero
2
2
2
2
2
1
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com