Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK115B Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK115B
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK115B Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK115B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
115
ISO-9001 CERTIFIED BY DSCC
POWER
High Output Current - 15A peak
Ultra Low Thermal Resistance - 0.43°C/W
Excellent Linearity - Class A/B Output
Wide Supply Range - ±10V to ±50V
High Power Dissipation - 175W at TC=125°C
Output Short Circuit Protected
User Programmable Current Limit
Isolated Case Allows Direct Heat Sinking
Low Quiescent Current -±22mA. Typ
MIL-PRF-38534 QUALIFIED
DESCRIPTION:
The MSK 115 is a High Power Operational Amplifier. Due to the extremely low thermal resistance from the transistor
junctions to the case, the MSK 115 can dissipate extreme amounts of power at a case temperature of 125°C. The
amplifier is packaged in a hermetic plug in power package with bolt down tabs.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
Magnetic Deflection Circuit Driver
Programmable Power Supplies
Motor, Valve and Actuator Control
Audio Amplifier
+VCC
Balance
Inverting Input
Non-Inverting Input
Balance
-VCC
1
2
3
4
5
6
+VC
+Current Limit
Output
Output
-Current Limit
-VC
12
11
10
9
8
7
Rev. A 6/02
1
EQUIVALENT SCHEMATIC
OPERATIONAL AMPLIFIER
MSK 115


Similar Part No. - MSK115B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK115B ANAREN-MSK115B Datasheet
378Kb / 7P
HIGH POWER OPERATIONAL AMPLIFIER
More results

Similar Description - MSK115B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com