Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK115B Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK115B
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK115B Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK115B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK115B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
HEAT SINKING
To determine if a heat sink is necessary for your application and
if so, what type, refer to the thermal model and governing equation
below.
Governing Equation:
Example:
In our example the amplifier application requires the output to
drive a 20 volt peak sine wave across a 20 ohm load for 1 amp of
output current. For a worst case analysis we will treat the 1 amp
peak output current as a D.C. output current. The power supplies
are ±40 VDC.
1.) Find Power Dissipation
PD =[(quiescent current) x (VS-(VS))]+[(+VS-VO) x IOUT]
=(25mA) x (80V)+(20V) x (1A)
=2W+20W
=22W
2.) For conservative design, set TJ=+125°C
3.) For this example, worst case TA=+50°C
4.) RθJC=0.55°C/W from MSK 115B Data Sheet
5.) RθCS=0.15°C/W for most thermal greases
6.) Rearrange governing equation to solve for RθSA
RθSA
=((TJ-TA)/PD) - (RθJC) - (RθCS)
=((125°C -50°C)/22W) - (0.55°C/W) - (0.15°C/W)
=2.71°C/W
The heat sink in this example must have a thermal resistance of
no more than 2.71°C/W to maintain a junction temperature of no
more than +125°C.
Rev. A 6/02
3
TJ=PD x (RθJC + RθCS + RθSA) + TA
Where
TJ=Junction Temperature
PD=Total Power Dissipation
RθJC=Junction to Case Thermal Resistance
RθCS=Case to Heat Sink Thermal Resistance
RθSA=Heat Sink to Ambient Thermal Resistance
TC=Case Temperature
TA=Ambient Temperature
TS=Sink Temperature
Thermal Model:
CURRENT LIMIT
The MSK 115 has an on-board current limit scheme designed to
shut off the output drivers anytime output current exceeds a prede-
termined limit. The following formula may be used to determine the
value of current limit resistance necessary to establish the desired
current limit.
RCL=(OHMs)=(0.65 volts/current limit in amps) - 0.01OHM
The 0.01 ohm term takes into account any wire bond and lead
resistance. Since the 0.65 volt term is obtained from the base
emitter voltage drop of a bipolar transistor: the equation only holds
true for operation at +25°C case temperature. The curve below
illustrates the effect of case temperature on current limit.
POWER SUPPLY BYPASSING
Both the negative and the positive power supplies must be
effectively decoupled with a high and low frequency bypass circuit
to avoid power supply induced oscillation. An effective decoupling
scheme consists of a 0.1 microfarad ceramic capacitor in parallel
with a 4.7 microfarad tantalum capacitor from each power supply
pin to ground. It is also a good practice with very high power
op-amps, such as the MSK 115, to place a 30-50 microfarad
non-electrolytic capacitor with a low effective series resistance in
parallel with the other two power supply decoupling capacitors.
This capacitor will eliminate any peak output voltage clipping which
may occur due to poor power supply load regulation. All power
supply decoupling capacitors should be placed as close to the
package power supply pins as possible (pins 7 and 12).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com