Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4BFBCJS Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # CYT4BFBCJS
Description  TRAVEO??T2G 32-bit Automotive MCU
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4BFBCJS Datasheet(HTML) 4 Page - Infineon Technologies AG

  CYT4BFBCJS Datasheet HTML 1Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 2Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 3Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 4Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 5Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 6Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 7Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 8Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 217 page
background image
Datasheet
4 of 217
002-21617 Rev. *J
2022-02-18
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Features
- Each ADC supports addressing of external multiplexers
- Each ADC has a sequencer supporting autonomous scanning of configured channels
- Synchronized sampling of all ADCs for motor-sense applications
• Smart I/O
- Up to five Smart I/O blocks, which can perform Boolean operations on signals going to and from I/Os
- Up to 36 I/Os (GPIO_STD) supported
• Debug interface
- JTAG controller and interface compliant to IEEE-1149.1-2001
-Arm® SWD (serial wire debug) port
- Supports Arm® Embedded Trace Macrocell (ETM) Trace
• Data trace using SWD
• Instruction and data trace using JTAG
• Compatible with industry-standard tools
- GHS MULTI or IAR EWARM for code development and debugging
• Packages
- 176-TEQFP, 24 × 24 × 1.7 mm (max), 0.5-mm lead pitch
- 272-BGA, 16 × 16 × 1.7 mm (max), 0.8-mm ball pitch
- 320-BGA, 17 × 17 × 1.7 mm (max), 0.8-mm ball pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com