Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4BFBCJS Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # CYT4BFBCJS
Description  TRAVEO??T2G 32-bit Automotive MCU
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4BFBCJS Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CYT4BFBCJS Datasheet HTML 17Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 18Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 19Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 20Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 21Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 22Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 23Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 24Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 217 page
background image
Datasheet
21 of 217
002-21617 Rev. *J
2022-02-18
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Functional description
3.4.1
Port nomenclature
Px.y describes a particular bit “y” available within an I/O port “x.”
For example, P4.2 reads “port 4, bit 2”.
Each I/O implements the following:
• Programmable drive mode
- High impedance
- Resistive pull-up
- Resistive pull-down
- Open drain with strong pull-down
- Open drain with strong pull-up
- Strong pull-up or pull-down
- Weak pull-up or pull-down
CYT4BF has three types of programmable I/Os: GPIO Standard, GPIO Enhanced, and HSIO Standard.
3.4.2
GPIO Standard (GPIO_STD)
Supports standard automotive signaling across the 2.7-V to 5.5-V VDDIO range. GPIO Standard I/Os have multiple
configurable drive levels, drive modes, and selectable input levels.
3.4.3
GPIO Enhanced (GPIO_ENH)
Supports extended functionality automotive signaling across the 2.7-V to 5.5-V VDDIO range with higher currents
at lower voltages (full I2C timing support, slew-rate control).
Both GPIO_STD and GPIO_ENH implement the following:
• Configurable input threshold (CMOS, TTL, or Automotive)
• Hold mode for latching previous state (used for retaining the I/O state in DeepSleep mode)
• Analog input mode (input and output buffers disabled)
3.4.4
HSIO Standard (HSIO_STD)
These I/Os are optimized exclusively for high-speed signaling and do not support slew-rate control, DeepSleep
operation, POR mode control, analog connections, or non-CMOS signaling levels. HSIO_STD supports high-speed
peripherals such as QSPI, HYPERBUS™, Ethernet, and SDHC controller. HSIO_STD also supports programmable
drive strength. These I/Os are available only in Active mode and retain state in DeepSleep mode.
3.4.5
Smart I/O
Smart I/O allows Boolean operations on signals going to the I/O from the subsystems of the chip or on signals
coming into the chip. CYT4BF has five Smart I/O blocks. Operation can be synchronous or asynchronous and the
blocks operate in all device power modes except for Hibernate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com