Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4BFBCJS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # CYT4BFBCJS
Description  TRAVEO??T2G 32-bit Automotive MCU
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4BFBCJS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button CYT4BFBCJS Datasheet HTML 9Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 10Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 11Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 12Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 13Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 14Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 15Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 16Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 217 page
background image
Datasheet
13 of 217
002-21617 Rev. *J
2022-02-18
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Functional description
3.2
System resources
3.2.1
Power system
The power system ensures that the supply voltage levels meet the requirements of each power mode, and
provides a full-system reset when these levels are not valid. Internal power-on reset (POR) guarantees full-chip
reset during the initial power ramp.
Three BOD circuits monitor the external supply voltages (VDDD, VDDA, VCCD). The BOD on VDDD and VCCD is initially
enabled and cannot be disabled. The BOD on VDDA is initially disabled and can be enabled by the user. For the
external supplies VDDD and VDDA, BOD circuits are software-configurable with two settings; a 2.7-V minimum
voltage that is robust for all internal signaling, and a 3.0-V minimum voltage, which is also robust for all I/O
specifications (which are guaranteed at 2.7 V). The BOD on VCCD is provided as a safety measure and is not a
robust detector.
Three over-voltage detection (OVD) circuits are provided for monitoring external supplies (VDDD, VDDA, VCCD), and
overcurrent detection circuits (OCD) for monitoring internal and external regulators. OVD thresholds on VDDD and
VDDA are configurable with two settings; a 5.0-V and 5.5-V maximum voltage.
Two voltage detection circuits are provided to monitor the external supply voltage (VDDD) for falling and rising
levels, each configurable for one of the 26 selectable levels.
All BOD, OVD, and OCD circuits on VDDD and VCCD generate a reset, because these protect the CPUs and fault logic.
The BOD and OVD circuits on VDDA can be configured to generate either a reset, or a fault.
3.2.2
Regulators
CYT4BF contains three regulators that provide power to the low-voltage core transistors: DeepSleep, core
internal, and core external. These regulators accept a 2.7-V to 5.5-V VDDD supply and provide a low-noise 1.1-V
supply to various parts of the device. These regulators are automatically enabled and disabled by hardware and
firmware when switching between power modes. The core internal and core external regulators operate in Active
mode, and provide power to the CPU subsystem and associated peripherals.
3.2.2.1
DeepSleep
The DeepSleep regulator is used to maintain power in a small number of blocks when in DeepSleep mode.
These blocks include the ILO and WDT timers, BOD detector, SCB0, SRAM memories, Smart I/O, and other
configuration memories. The DeepSleep regulator is enabled when in DeepSleep mode, and the core internal
regulator is disabled. It is disabled when XRES_L is asserted (LOW) and when the core internal regulator is
disabled.
3.2.2.2
Core internal
The core internal regulator supports load currents up to 300 mA, and is operational during device start-up
(boot process), and in Active/Sleep modes.
3.2.2.3
Core external[5]
To support worst-case loading, with both M7 CPUs and the M0+ CPU at their maximum clock frequency and all
integrated peripherals operating, a core external regulator is required, capable of load currents up to 600 mA.
While the control and monitor circuits for the core external regulator are internal to CYT4BF, the power
regulating element (NPN pass transistor, PMIC, or LDO) is external. This reduces the overall power dissipation
within the CYT4BF package, while maintaining a well-regulated core supply.
Note
5. When CYT4BF is in Hibernate mode, the GPIO used to control the core external regulator are High-Z. This may require an external
pull-up or pull-down resistor to disable the external regulator and configure it for minimum operating current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com