Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACCESSORIES Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ACCESSORIES
Description  Aluminum Electrolytic Capacitors - Accessories (Vishay BCcomponents)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACCESSORIES Datasheet(HTML) 4 Page - Vishay Siliconix

  ACCESSORIES Datasheet HTML 1Page - Vishay Siliconix ACCESSORIES Datasheet HTML 2Page - Vishay Siliconix ACCESSORIES Datasheet HTML 3Page - Vishay Siliconix ACCESSORIES Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Accessories
www.vishay.com
Vishay BCcomponents
Revision: 15-Feb-2022
4
Document Number: 28348
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CLAMPS FOR SL-VERSIONS, Ø D = 25 mm, 30 mm, 35 mm, and 40 mm
To facilitate vertical mounting, a series of rigid clamps is available. These are made of zinc plated steel, chromium (III)
passivated, or stainless steel.
The clamps have two mounting lugs, may be easily slipped over the capacitor and then clamped with a nut and bolt.
Four types of clamps are available, one for each case diameter.
They are delivered without nuts or bolts.
To avoid damaging the insulation sleeve, do not overtighten the clamp screw.
DIMENSIONS in millimeters
Fig. 9 - Dimensional outline of clamp
for case Ø D = 25 mm, 30 mm and 40 mm
Fig. 10 - Dimensional outline of clamp
for case Ø D = 35 mm
Table 3
1.0
3
e
b
a
c10
d
7
Ø 4.0 ± 0.2
4.3
30°
1 + 0.2
0
13.5
10
0
- 0.5
Ø 4.5 ± 0.1
12
± 0.5
63
35
51.5 ± 0.2
12 ± 0.5
6 ± 1
1
35°
23.5
10
4.5
MOUNTING CLAMPS FOR SOLDER LUGS
CASE DIAMETER
(mm)
a
(mm)
b
(mm)
c
(mm)
d
(mm)
e
(mm)
ORDERING CODE
25
41.5 ± 0.2
25
35
18.5
56
MAL804324011E3
30
46.5 ± 0.2
30
40
21
61
MAL804324021E3
35
51.5 ± 0.2
35
-
23.5
63
MAL804324031E3
40
56.5 ± 0.2
40
50
26
71
MAL804324041E3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com