Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACCESSORIES Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ACCESSORIES
Description  Aluminum Electrolytic Capacitors - Accessories (Vishay BCcomponents)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACCESSORIES Datasheet(HTML) 3 Page - Vishay Siliconix

  ACCESSORIES Datasheet HTML 1Page - Vishay Siliconix ACCESSORIES Datasheet HTML 2Page - Vishay Siliconix ACCESSORIES Datasheet HTML 3Page - Vishay Siliconix ACCESSORIES Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Accessories
www.vishay.com
Vishay BCcomponents
Revision: 15-Feb-2022
3
Document Number: 28348
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 1
NUTS AND WASHERS FOR STB-VERSIONS
When mounting with the bolt, which is an integral part of the case, standard metal M8 and M12 nuts and washers may be used;
the maximum permissible torque is 4 Nm for M8 nuts and 10 Nm for M12 nuts.
If insulated mounting is required, synthetic nuts and rubber washers are available; for these nuts the maximum permissible
torque is 2 Nm (M8) and 4 Nm (M12).
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 6 - Insulated mounting
Fig. 7 - Synthetic cap nut; see Table 2 for dimensions D, H and W
Table 2
Note
(1) Dimension W is measured across flats.
Fig. 8 - Rubber washer; thickness 2 mm
MOUNTING CLAMPS FOR SCREW TERMINALS
CASE DIAMETER
ORDERING CODE
35
MAL804324031E3
50
MAL804324051E3
65
MAL804324061E3
76
MAL804323321E3
90
MAL804324921E3
Rubber
washer
W
D
Ø 17 ± 0.3
6
H
1
SYNTHETIC CAP NUTS
CASE DIAMETER
(mm)
THREAD
D
(mm)
H
(mm)
W (1)
(mm)
MIN. THREADED DEPTH
(mm)
ORDERING CODE
35
M8
25
15
17
11.5
MAL804305561E3
≥ 50
M12
30
20
19
15.5
MAL804305571E3
RUBBER WASHERS
D
(mm)
d
(mm)
ORDERING CODE
34
8.4
MAL804305591E3
49
13.0
MAL804305531E3
64
13.0
MAL804305521E3
74
13.0
MAL804313001E3
88
13.0
MAL804329961E3
d ± 0.2
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com