Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACCESSORIES Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ACCESSORIES
Description  Aluminum Electrolytic Capacitors - Accessories (Vishay BCcomponents)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACCESSORIES Datasheet(HTML) 1 Page - Vishay Siliconix

  ACCESSORIES Datasheet HTML 1Page - Vishay Siliconix ACCESSORIES Datasheet HTML 2Page - Vishay Siliconix ACCESSORIES Datasheet HTML 3Page - Vishay Siliconix ACCESSORIES Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Accessories
www.vishay.com
Vishay BCcomponents
Revision: 15-Feb-2022
1
Document Number: 28348
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors - Accessories
(Vishay BCcomponents)
RESISTORS FOR TERMINAL MOUNTING
Resistors are used to balance the voltage over a series connection of screw terminal capacitors or to ensure discharge to a safe
voltage after power down. Vishay provides the CMS series of resistors, which are suited for direct mounting on the terminals of
screw terminal capacitors.
MOUNTING ACCESSORIES
CLAMPS FOR ST TYPES
To facilitate vertical mounting, a series of rigid clamps is available. These are made of zinc plated steel, chromium (III)
passivated, or stainless steel.
The clamps have either two or three mounting lugs, may be easily slipped over the capacitor and then clamped with
a nut and bolt. Five types of clamps are available, one for each case diameter.
They are delivered without nuts or bolts.
To avoid damaging the insulation sleeve, do not overtighten the clamp screw.
DIMENSIONS in inches [millimeters]
DIAMETER
MODEL
CORE DIMENSIONS in inch [mm]
TERMINAL DESIGNATION
A
TYPICAL
B
± 0.031 [0.79]
C
± 0.062 [1.59]
M
± 0.0118 [0.3]
CM
HOLE DIAMETER
TYPICAL
CA
HOLE DIAMETER
TYPICAL
Ø 50 mm
CMS16
0.562
[14.27]
0.312
[7.92]
1.250
[31.75]
0.875
[22.23]
0.196
[4.98]
0.265
Ø 65 mm
CMS20
0.562
[14.27]
0.312
[7.92]
1.75
[44.45]
1.13
[28.7]
0.196
[4.98]
0.265
[6.73]
Ø 76 mm
CMS22
0.562
[14.27]
0.312
[7.92]
1.75
[44.45]
1.254
[31.85]
0.196
[4.98]
0.265
[6.73]
Ø 90 mm
45° ± 10°
3/4" TYP.
C
B
M
A


Similar Part No. - ACCESSORIES

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ACCESSORIES SCHURTER-ACCESSORIES Datasheet
200Kb / 7P
Voltage selector inserts for Power Entry Modules, types KE, CE, KG, CG
More results

Similar Description - ACCESSORIES

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com