Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCSL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTCSL
Description  PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCSL Datasheet(HTML) 1 Page - Vishay Siliconix

  PTCSL Datasheet HTML 1Page - Vishay Siliconix PTCSL Datasheet HTML 2Page - Vishay Siliconix PTCSL Datasheet HTML 3Page - Vishay Siliconix PTCSL Datasheet HTML 4Page - Vishay Siliconix PTCSL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29012
60
Revision: 08-Jun-09
2381 671 911../PTCSL..T....BE
Vishay BCcomponents
PTC Thermistors, Mini Radial Leaded
for Over-Temperature Protection
FEATURES
• Well-defined protection temperature levels
• Fast reaction time (< 15 s in still air)
• Accurate resistance for ease of circuit design
• Excellent long term behavior (< 1 °C or 5 % after
1000 h at Tn + 15 °C)
• Wide range of protection temperatures (70 °C to
150 °C)
• No need to reset supply after overtemperature switch
• Small size and rugged
• Coated leaded and naked devices available
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
APPLICATIONS
Over-temperature protection and control in:
• Industrial electronics
• Power supplies
• Electronic data processing
• Motor protection
DESCRIPTION
These
directly
heated
thermistors
have
a
positive
temperature coefficient and are primarily intended for
sensing.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum resistance at 25 °C
100
Ω
Minimum resistance at (Tn + 15) °C
4000
Ω
Maximum voltage
30
V
Temperature range
- 20 to (Tn + 15)
°C
Weight:
91102 to 91114
≈ 0.08
g
91152 to 91164
≈ 0.11
g
Climatic category
25/125/56
NOMINAL WORKING TEMPERATURES AND ORDERING INFORMATION
NOMINAL WORKING TEMPERATURE
CATALOG NUMBER 2381 671 .....
Tn
(°C)
RESISTANCE from
- 20 °C to Tn - 20 °C
(
Ω)
RESISTANCE
at Tn - 5 °C
(
Ω)
RESISTANCE
at Tn + 5 °C
(k
Ω)
LEADED DEVICE
COLOR CODE
NORMAL
LEADS
LONG LEADS
70
30 to 250
50 to 570
0.570 to 50
91102
91152
Black
80
30 to 250
50 to 550
1.33 to 50
91103
91153
Brown
90
30 to 250
50 to 550
1.33 to 50
91104
91154
Red
100
30 to 250
50 to 550
1.33 to 50
91105
91155
Orange
110
30 to 250
50 to 550
1.33 to 50
91106
91156
Yellow
120
30 to 250
50 to 550
1.33 to 50
91107
91157
Green
130
30 to 250
50 to 550
1.33 to 50
91109
91159
Blue
140
30 to 250
50 to 550
1.33 to 50
91112
91162
Violet
150
30 to 250
50 to 550
1.33 to 50
91114
91164
Grey


Similar Part No. - PTCSL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSL03 VISHAY-PTCSL03 Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
PTCSL03 VISHAY-PTCSL03 Datasheet
87Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
21-Sep-2021
PTCSL03T081DB1E VISHAY-PTCSL03T081DB1E Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
PTCSL03T081DT1E VISHAY-PTCSL03T081DT1E Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
PTCSL03T091DB1E VISHAY-PTCSL03T091DB1E Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
More results

Similar Description - PTCSL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232267191002 VISHAY-232267191002 Datasheet
75Kb / 5P
PTC Thermistors, For Temperature Protection
10-Oct-03
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
ptc chip thermistor (for over-temperature protection)
logo
Vishay Siliconix
PTCSL03 VISHAY-PTCSL03 Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
PTCSL20 VISHAY-PTCSL20 Datasheet
91Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
04-Dec-15
PTCSGM3 VISHAY-PTCSGM3 Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
PTCSC17 VISHAY-PTCSC17 Datasheet
90Kb / 4P
Mini Chips for Over-Temperature Protection
08-Dec-15
PTCSG VISHAY-PTCSG Datasheet
111Kb / 5P
PTC Thermistors, For Temperature Protection
19-Dec-07
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
21-Sep-2021
PTCSSLVT VISHAY-PTCSSLVT Datasheet
109Kb / 4P
PTC Thermistors, Sleeve Type for Over-Temperature Protection
03-Sep-10
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com