Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCSL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCSL
Description  PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCSL Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCSL Datasheet HTML 1Page - Vishay Siliconix PTCSL Datasheet HTML 2Page - Vishay Siliconix PTCSL Datasheet HTML 3Page - Vishay Siliconix PTCSL Datasheet HTML 4Page - Vishay Siliconix PTCSL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 29012
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 08-Jun-09
61
2381 671 911../PTCSL..T....BE
PTC Thermistors, Mini Radial Leaded
for Over-Temperature Protection
Vishay BCcomponents
COMPONENT OUTLINES DIMENSIONS in millimeters
ELECTRICAL CHARACTERISTICS
PARAMETER
VALUES
Maximum resistance at 25 °C
100
Ω
Maximum resistance at (Tn - 5) °C
See Nominal Working Temperatures and Ordering Information table
Minimum resistance at (Tn + 15) °C
4000
Ω
Minimum resistance at (Tn +5) °C
See Nominal Working Temperatures and Ordering Information table
Maximum voltage
30 V (AC or DC)
CATALOG NUMBERS AND PACKAGING
12NC
SAP
12NC
SAP
SPQ
2381 671 91102
PTCSL20T071DBE
2381 671 91152
PTCSL40T071DBE
500
2381 671 91103
PTCSL20T081DBE
2381 671 91153
PTCSL40T081DBE
500
2381 671 91104
PTCSL20T091DBE
2381 671 91154
PTCSL40T091DBE
500
2381 671 91105
PTCSL20T101DBE
2381 671 91155
PTCSL40T101DBE
500
2381 671 91106
PTCSL20T111DBE
2381 671 91156
PTCSL40T111DBE
500
2381 671 91107
PTCSL20T121DBE
2381 671 91157
PTCSL40T121DBE
500
2381 671 91109
PTCSL20T131DBE
2381 671 91159
PTCSL40T131DBE
500
2381 671 91112
PTCSL20T141DBE
2381 671 91162
PTCSL40T141DBE
500
2381 671 91114
PTCSL20T151DBE
2381 671 91164
PTCSL40T151DBE
500
Ø 0.4
3.0 max.
2.54
20.0 ± 2
3.5 max.
7.0 max.
0.5 min.
Component outline for 91102 to 91114
Ø 0.4
3.0 max.
2.54
40.0 min.
3.5 max.
7.0 max.
0.5 min.
Component outline for 91152 to 91164



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com