Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCSL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PTCSL
Description  PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCSL Datasheet(HTML) 3 Page - Vishay Siliconix

  PTCSL Datasheet HTML 1Page - Vishay Siliconix PTCSL Datasheet HTML 2Page - Vishay Siliconix PTCSL Datasheet HTML 3Page - Vishay Siliconix PTCSL Datasheet HTML 4Page - Vishay Siliconix PTCSL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29012
62
Revision: 08-Jun-09
2381 671 911../PTCSL..T....BE
Vishay BCcomponents PTC Thermistors, Mini Radial Leaded
for Over-Temperature Protection
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC FOR 2381 671 91105/91106
and 91107
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC FOR 2381 671 91102/91103
and 91104
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC FOR 2381 671 91109
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC FOR 2381 671 91112 and 91114
10
102
103
104
0
50
100
150
200
250
106
105
Tn = 120 °C
1.5 V (DC) max.
Tn = 110 °C
Tn = 100 °C
Temperature (°C)
10
102
103
104
0
50
100
150
200
250
106
105
Tn = 90
°C
1.5 V (DC) max.
Tn = 70
°C
Tn = 80
°C
Temperature (°C)
10
102
103
104
0
50
100
150
200
250
106
105
1.5 V (DC) max.
Tn = 130 °C
Temperature (°C)
10
102
103
104
0
50
100
150
200
250
106
105
Tn = 140 °C
1.5 V (DC) max.
Tn = 150 °C
Temperature (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com