Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC16B Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC16B
Description  16-Kbit I2C Serial EEPROM High Temp Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16B Datasheet(HTML) 1 Page - Microchip Technology

  24LC16B Datasheet HTML 1Page - Microchip Technology 24LC16B Datasheet HTML 2Page - Microchip Technology 24LC16B Datasheet HTML 3Page - Microchip Technology 24LC16B Datasheet HTML 4Page - Microchip Technology 24LC16B Datasheet HTML 5Page - Microchip Technology 24LC16B Datasheet HTML 6Page - Microchip Technology 24LC16B Datasheet HTML 7Page - Microchip Technology 24LC16B Datasheet HTML 8Page - Microchip Technology 24LC16B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006054B-page 1
24LC16B
Features
• Single Supply with Operation Down to 2.5V
• Low-Power CMOS Technology:
- Active current: 1 mA, typical
- Standby current: 1 µA, typical
• Two-Wire Serial Interface, I2C Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time: 5 ms, Maximum
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection > 4,000V
• More Than 1 Million Erase/Write Cycles
• Data Retention > 200 Years
• Factory Programming Available
• RoHS Compliant
• Temperature Ranges:
- High (H): -40°C to +150°C
• Automotive AEC-Q100 Qualified
Packages
• 8-Lead SOIC and 5-Lead SOT-23
Description
The Microchip Technology Inc. 24LC16B is a 16-Kbit
Electrically Erasable PROM (EEPROM). The device is
organized as eight blocks of 256 x 8-bit memory with a
two-wire serial interface. Its low-voltage design permits
operation down to 2.5V with standby and active
currents of only 1 µA and 1 mA, respectively. The
24LC16B also has a page write capability for up to
16 bytes of data.
Block Diagram
Package Types (not to scale)
Device Selection Table
Part Number
VCC Range
Max. Clock Frequency
Temp. Ranges
Packages
24LC16B
2.5V-5.5V
400 kHz
H
SN, OT
HV
EEPROM
Array
Page
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
Latches
Generator
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
SOIC
SOT-23
1
2
34
5
WP
VCC
SCL
VSS
SDA
Note 1:
Pins A0, A1 and A2 are not used by the 24LC16B
(no internal connections).
(1)
(1)
(1)
16-Kbit I2C Serial EEPROM High Temp Data Sheet


Similar Part No. - 24LC16B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC16B MICROCHIP-24LC16B Datasheet
453Kb / 12P
8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24LC16B MICROCHIP-24LC16B Datasheet
75Kb / 12P
16K 2.5V I 2 C O Serial EEPROM
2007
24LC16B MICROCHIP-24LC16B Datasheet
317Kb / 24P
16K I2C??Serial EEPROM
2003
24LC16B MICROCHIP-24LC16B Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
24LC16B MICROCHIP-24LC16B Datasheet
1Mb / 40P
16K I2C??Serial EEPROM
11/29/12
More results

Similar Description - 24LC16B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
16 Kbit Serial I2C BUS EEPROM
23-Oct-2001
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
16 Kbit Serial I2C EEPROM with Extended Addressing
Feb-1999
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
logo
Integrated Silicon Solu...
IS23SC1604 ISSI-IS23SC1604 Datasheet
77Kb / 18P
16-KBIT SECURED SERIAL EEPROM
logo
Microchip Technology
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
I2C??Serial EEPROM Family Data Sheet
2007
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
I2C??Serial EEPROM Family Data Sheet
06/25/07
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
logo
Microchip Technology
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
64-Kbit I2C Serial EEPROM
09/14/21
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
16-Kbit serial I2C bus EEPROM
12-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com