Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-47SC-R Datasheet(PDF) 6 Page - Microchip Technology

Part # PL133-47SC-R
Description  Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-47SC-R Datasheet(HTML) 6 Page - Microchip Technology

Back Button PL133-47SC-R Datasheet HTML 2Page - Microchip Technology PL133-47SC-R Datasheet HTML 3Page - Microchip Technology PL133-47SC-R Datasheet HTML 4Page - Microchip Technology PL133-47SC-R Datasheet HTML 5Page - Microchip Technology PL133-47SC-R Datasheet HTML 6Page - Microchip Technology PL133-47SC-R Datasheet HTML 7Page - Microchip Technology PL133-47SC-R Datasheet HTML 8Page - Microchip Technology PL133-47SC-R Datasheet HTML 9Page - Microchip Technology PL133-47SC-R Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PL133-47
DS20006670A-page 6
2022 Microchip Technology Inc. and its subsidiaries
3.0
NOMINAL PERFORMANCE CHARACTERISTICS
U
FIGURE 3-1:
PL133-47 Additive Phase Jitter: VDD = 3.3V, CLK-100 MHz, Integration Range
2 kHz - 20 MHz, 0.059 ps Typical.
When a buffer is used to pass a signal then the buffer will add a little bit of its own noise. The phase noise on the output
of the buffer will be a little bit more than the phase noise in the input signal. The noise added by the buffer to the input
signal is quantified by the additive phase jitter defined by the following formula:
EQUATION 3-1:
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
100
1000
10000
100000
1000000
10000000
100000000
Offset Frequency (Hz)
REF Input
PL133-47 Output
AdditivePhaseJitter
OutputPhaseJitter
2
InputPhaseJitter
2
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com