Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-47SC-R Datasheet(PDF) 7 Page - Microchip Technology

Part # PL133-47SC-R
Description  Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-47SC-R Datasheet(HTML) 7 Page - Microchip Technology

Back Button PL133-47SC-R Datasheet HTML 3Page - Microchip Technology PL133-47SC-R Datasheet HTML 4Page - Microchip Technology PL133-47SC-R Datasheet HTML 5Page - Microchip Technology PL133-47SC-R Datasheet HTML 6Page - Microchip Technology PL133-47SC-R Datasheet HTML 7Page - Microchip Technology PL133-47SC-R Datasheet HTML 8Page - Microchip Technology PL133-47SC-R Datasheet HTML 9Page - Microchip Technology PL133-47SC-R Datasheet HTML 10Page - Microchip Technology PL133-47SC-R Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006670A-page 7
PL133-47
4.0
SWITCHING WAVEFORMS
FIGURE 4-1:
Duty Cycle Timing.
FIGURE 4-2:
All Outputs Rise/Fall Time.
FIGURE 4-3:
Output to Output Skew.
FIGURE 4-4:
Input-Output Propagation Delay.
VDD/2
t2
t1
VDD/2
t3
t4
OUTPUT
0.8V
2.0V
0V
3.3V
0.8V
2.0V
OUTPUT
t5
OUTPUT
VDD/2
VDD/2
INPUT
t6
OUTPUT
VDD/2
VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com