Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-47SC-R Datasheet(PDF) 9 Page - Microchip Technology

Part # PL133-47SC-R
Description  Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-47SC-R Datasheet(HTML) 9 Page - Microchip Technology

Back Button PL133-47SC-R Datasheet HTML 5Page - Microchip Technology PL133-47SC-R Datasheet HTML 6Page - Microchip Technology PL133-47SC-R Datasheet HTML 7Page - Microchip Technology PL133-47SC-R Datasheet HTML 8Page - Microchip Technology PL133-47SC-R Datasheet HTML 9Page - Microchip Technology PL133-47SC-R Datasheet HTML 10Page - Microchip Technology PL133-47SC-R Datasheet HTML 11Page - Microchip Technology PL133-47SC-R Datasheet HTML 12Page - Microchip Technology PL133-47SC-R Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006670A-page 9
PL133-47
6.0
LAYOUT RECOMMENDATIONS
The following guidelines are to assist you with a
performance optimized PCB design:
6.1
Signal Integrity and Termination
Considerations
- Keep traces short
- Trace = Inductor. With a capacitive load this
equals ringing
- Long trace = Transmission Line. Without
proper termination this will cause reflections
ringing and waveforms degradations.
- Use stripline or microstrip with defined
impedance for long traces (> 1 inch)
- Match traces on one side of the board to
avoid reflections bouncing back and forth.
6.2
Decoupling and Power Supply
Considerations
- Place decoupling capacitors as close as pos-
sible to the VDD pin(s) to limit noise from the
power supply
- Addition of a ferrite bead in series with VDD
can help prevent noise from other board
sources
- Value of decoupling capacitor is frequency
dependant. Typical values to use are 0.1 µF
for designs using frequencies <50 MHz and
0.01 µF for designs using frequencies
>50 MHz
FIGURE 6-1:
Typical CMOS Termination.
Place Series Resistor as close as possible to CMOS output
CMOS Output Buffer
( Typical buffer impedance 20 ohm)
To CMOS Input
Connect a 33 ohm series resistor at each of the output clocks to
enhance the stability of the output signal
50 ohm line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com