Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-97QC-R Datasheet(PDF) 2 Page - Microchip Technology

Part # PL133-97QC-R
Description  Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-97QC-R Datasheet(HTML) 2 Page - Microchip Technology

  PL133-97QC-R Datasheet HTML 1Page - Microchip Technology PL133-97QC-R Datasheet HTML 2Page - Microchip Technology PL133-97QC-R Datasheet HTML 3Page - Microchip Technology PL133-97QC-R Datasheet HTML 4Page - Microchip Technology PL133-97QC-R Datasheet HTML 5Page - Microchip Technology PL133-97QC-R Datasheet HTML 6Page - Microchip Technology PL133-97QC-R Datasheet HTML 7Page - Microchip Technology PL133-97QC-R Datasheet HTML 8Page - Microchip Technology PL133-97QC-R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PL133-97
DS20006672A-page 2
2022 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage to Ground Potential .......................................................................................................... –0.5V to +4.6V
DC Input Voltage ...............................................................................................................................VSS – 0.5V to +4.6V
Static Discharge Voltage
(Per MIL-STD-883, Method 3015).........................................................................................................................>2000V
Operating Ratings †
Supply Voltage, VDD.................................................................................................................................. 1.71V to 3.63V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Input Low Voltage
VIL
—
—
0.3xVDD
V
Note 1
Input High Voltage
VIH
0.7xVDD
—
—
V
Note 1
Input Low Current
IIL
—
—
50
µA
VIN = 0V
Input High Current
IIH
—
—
100
µA
VIN = VDD
Supply Current
IDD
—
—
32
mA 66.67 MHz with unloaded outputs
Output Low Voltage
VOL
—
—
0.5
V
IO = 8 mA, VDD = 3.3V
—
—
0.5
IO = 6 mA, VDD = 2.5V
—
—
0.5
IO = 4 mA, VDD = 1.8V
Output High Voltage
VOH
VDD - 0.5
—
—
V
IO = –8 mA, VDD = 3.3V
VDD - 0.5
—
—
IO = –6 mA, VDD = 2.5V
VDD - 0.5
—
—
IO = –4 mA, VDD = 1.8V
OE Pin Pull-Up Resistance
RPU
—
120
—
kΩ
—
Load Capacitance
CL
—
—
30
pF
Load Capacitance, below 100 MHz,
VDD > 2.25V
—
—
10
Load Capacitance between 100 MHz
and 134 MHz, VDD > 2.25V
—
—
5
Load Capacitance, above 134 MHz,
VDD > 2.25V
—
—
15
Load Capacitance, below 67 MHz,
1.71V < VDD < 2.25V
Input Capacitance
CIN
—
—
7
pF
—
Power-Up Time
tPU
0.05
—
50
ms
Power-up time for all VDD to reach
minimum specified voltage (power
ramps must be monotonic)
Note 1: REF input has a threshold voltage of VDD/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com