Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-97QC-R Datasheet(PDF) 1 Page - Microchip Technology

Part # PL133-97QC-R
Description  Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-97QC-R Datasheet(HTML) 1 Page - Microchip Technology

  PL133-97QC-R Datasheet HTML 1Page - Microchip Technology PL133-97QC-R Datasheet HTML 2Page - Microchip Technology PL133-97QC-R Datasheet HTML 3Page - Microchip Technology PL133-97QC-R Datasheet HTML 4Page - Microchip Technology PL133-97QC-R Datasheet HTML 5Page - Microchip Technology PL133-97QC-R Datasheet HTML 6Page - Microchip Technology PL133-97QC-R Datasheet HTML 7Page - Microchip Technology PL133-97QC-R Datasheet HTML 8Page - Microchip Technology PL133-97QC-R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006672A-page 1
PL133-97
Features
• 1:9 LVCMOS Output Fanout Buffer from DC
to150 MHz
• Low Additive Phase Jitter of 60 fs RMS
• 8 mA Output Drive Strength
• Low Power Consumption for Portable
Applications
• Low Input-Output Delay
• Output-Output Skew <250 ps
• 2.5V to 3.3V, ±10% Operation
• 1.8V ±5% Operation up to 67 MHz
• Operating Temperature Range:
- Commercial: 0°C to +70°C
- Industrial: –40°C to +85°C
• Available in 16-Pin QFN Package
General Description
The PL133-97 is an advanced fanout buffer designed
for high performance, low-power, small form factor
applications. The PL133-97 accepts a reference clock
input from DC to 150 MHz and provides nine outputs of
the same frequency.
The PL133-97 is offered in a small 3 mm x 3 mm
QFN-16L package and it offers the best phase noise,
additive jitter performance, and lowest power
consumption of any comparable IC.
The PL133-97 outputs can be disabled to a high
impedance (tri-state) by pulling low the OE pin. When
the OE pin is high, the outputs are enabled and follow
the REF input signal. When the OE pin is left open, a
pull-up resistor on the chip will default the OE pin to
logic 1 so the outputs are enabled.
CLK8 is a free running output that remains enabled
when the OE pin is pulled low.
Functional Block Diagram
REF
CLK1
CLK2
CLK3
CLK4
CLK5
CLK6
OE
CLK8
CLK7
CLK9
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC


Similar Part No. - PL133-97QC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL133-97QC-R MICREL-PL133-97QC-R Datasheet
423Kb / 9P
Low-Power DC to 150MHz 1:9 Fanout Buffer IC
Rev 05/22/14
logo
Microchip Technology
PL133-97QC-R MICROCHIP-PL133-97QC-R Datasheet
2Mb / 19P
Low-Power DC to 160 MHz 1:9 Fanout Buffer IC
December 2025
More results

Similar Description - PL133-97QC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83947I-147 ICST-ICS83947I-147 Datasheet
169Kb / 10P
LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
REV. A SEPTEMBER 24, 2004
ICS83947I ICST-ICS83947I Datasheet
131Kb / 9P
LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER
REV. B OCTOBER 11, 2004
logo
Hittite Microwave Corpo...
HMC987LP5E HITTITE-HMC987LP5E Datasheet
1Mb / 24P
LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
HMC987LP5E HITTITE-HMC987LP5E_12 Datasheet
1Mb / 24P
LOW NOISE 1:9 FANOUT BUFFER
logo
Integrated Device Techn...
83947I IDT-83947I Datasheet
106Kb / 10P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
83947I-147 IDT-83947I-147 Datasheet
205Kb / 12P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
logo
Analog Devices
HMC987LP5E AD-HMC987LP5E Datasheet
1Mb / 24P
LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
PL133-67 MICROCHIP-PL133-67 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
Revision A (April 2022)
logo
Renesas Technology Corp
83947I RENESAS-83947I Datasheet
210Kb / 11P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com