Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-97QC-R Datasheet (PDF) - Microchip Technology

PL133-97QC-R Datasheet PDF - Microchip Technology
Part # PL133-97QC-R
Download  PL133-97QC-R Download
File Size   2280.65 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power DC to 150 MHz 1:9 Fanout Buffer IC

PL133-97QC-R Datasheet (PDF)

Go To PDF Page Download Datasheet
PL133-97QC-R Datasheet PDF - Microchip Technology

Part # PL133-97QC-R
Download  PL133-97QC-R Click to download

File Size   2280.65 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power DC to 150 MHz 1:9 Fanout Buffer IC

PL133-97QC-R Datasheet (HTML) - Microchip Technology


PL133-97QC-R Product details

General Description
The PL133-97 is an advanced fanout buffer designed
for high performance, low-power, small form factor
applications. The PL133-97 accepts a reference clock
input from DC to 150 MHz and provides nine outputs of
the same frequency.
The PL133-97 is offered in a small 3 mm x 3 mm
QFN-16L package and it offers the best phase noise,
additive jitter performance, and lowest power
consumption of any comparable IC.
The PL133-97 outputs can be disabled to a high
impedance (tri-state) by pulling low the OE pin. When
the OE pin is high, the outputs are enabled and follow
the REF input signal. When the OE pin is left open, a
pull-up resistor on the chip will default the OE pin to
logic 1 so the outputs are enabled.
CLK8 is a free running output that remains enabled
when the OE pin is pulled low.

Features
• 1:9 LVCMOS Output Fanout Buffer from DC
to150 MHz
• Low Additive Phase Jitter of 60 fs RMS
• 8 mA Output Drive Strength
• Low Power Consumption for Portable
Applications
• Low Input-Output Delay
• Output-Output Skew <250 ps
• 2.5V to 3.3V, ±10% Operation
• 1.8V ±5% Operation up to 67 MHz
• Operating Temperature Range:
- Commercial: 0°C to +70°C
- Industrial: –40°C to +85°C
• Available in 16-Pin QFN Package




Similar Part No. - PL133-97QC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL133-97QC-R MICREL-PL133-97QC-R Datasheet
423Kb / 9P
Low-Power DC to 150MHz 1:9 Fanout Buffer IC
Rev 05/22/14
logo
Microchip Technology
PL133-97QC-R MICROCHIP-PL133-97QC-R Datasheet
2Mb / 19P
Low-Power DC to 160 MHz 1:9 Fanout Buffer IC
December 2025
More results


Similar Description - PL133-97QC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83947I-147 ICST-ICS83947I-147 Datasheet
169Kb / 10P
LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
REV. A SEPTEMBER 24, 2004
ICS83947I ICST-ICS83947I Datasheet
131Kb / 9P
LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER
REV. B OCTOBER 11, 2004
logo
Hittite Microwave Corpo...
HMC987LP5E HITTITE-HMC987LP5E Datasheet
1Mb / 24P
LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
HMC987LP5E HITTITE-HMC987LP5E_12 Datasheet
1Mb / 24P
LOW NOISE 1:9 FANOUT BUFFER
logo
Integrated Device Techn...
83947I IDT-83947I Datasheet
106Kb / 10P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
83947I-147 IDT-83947I-147 Datasheet
205Kb / 12P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
logo
Analog Devices
HMC987LP5E AD-HMC987LP5E Datasheet
1Mb / 24P
LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
PL133-67 MICROCHIP-PL133-67 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
Revision A (April 2022)
logo
Renesas Technology Corp
83947I RENESAS-83947I Datasheet
210Kb / 11P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
March 17, 2016
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com