Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5335 Datasheet(PDF) 2 Page - Microchip Technology

Part # TP5335
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TP5335 Datasheet(HTML) 2 Page - Microchip Technology

  TP5335 Datasheet HTML 1Page - Microchip Technology TP5335 Datasheet HTML 2Page - Microchip Technology TP5335 Datasheet HTML 3Page - Microchip Technology TP5335 Datasheet HTML 4Page - Microchip Technology TP5335 Datasheet HTML 5Page - Microchip Technology TP5335 Datasheet HTML 6Page - Microchip Technology TP5335 Datasheet HTML 7Page - Microchip Technology TP5335 Datasheet HTML 8Page - Microchip Technology TP5335 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TP5335
DS20005704D-page 2
 2018-2022 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Drain-to-Source Voltage....................................................................................................................................... BVDSS
Drain-to-Gate Voltage .......................................................................................................................................... BVDGS
Gate-to-Source Voltage.......................................................................................................................................... ±20V
Junction Temperature, TJ .................................................................................................................... –55°C to +150°C
Storage Temperature, TS...................................................................................................................... –55°C to +150°C
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only, and functional operation of the device at those or any other con-
ditions above those indicated in the operational sections of this specification is not intended. Exposure to
maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS – COMMERCIAL
Electrical Specifications: TA = TJ = 25°C unless otherwise specified. All DC parameters are 100% tested at 25°C
unless otherwise stated. (Pulse test: 300 µs pulse, 2% duty cycle.)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Drain-to-Source Breakdown
Voltage
BVDSS
–350
—
—
V
VGS = 0V, ID = –100 µA
Gate Threshold Voltage
VGS(th)
–1
—
–2.4
V
VDS = VGS, ID = –1 mA
Change in VGS(th)
with Temperature
ΔVGS(th)
——
4.5
mV/°C VDS = VGS, ID = –1 mA (Note 1)
Gate Body Leakage
IGSS
—
—
–100
nA
VGS = ±20V, VDS = 0V
Zero-Gate Voltage Drain Current
IDSS
—
—
–10
µA
VDS = Maximum rating,
VGS = 0V
——
–1
mA
VDS = Maximum rating,
VGS = 0V, TA = 125°C (Note 1)
On-State Drain Current
ID(ON)
–200
—
—
mA
VGS = –4.5V, VDS = –25V
–400
—
—
mA
VGS = –10V, VDS = –25V
Static Drain-to-Source On-State
Resistance
RDS(ON)
——
75
Ω
VGS = –4.5V, ID = –150 mA
——
30
Ω
VGS = –10V, ID = –200 mA
Change in RDS(ON) with
Temperature
ΔRDS(ON)
——
1.7
%/°C
VGS = –10V, ID = –200 mA
(Note 1)
Note 1: Specification is obtained by characterization and is not 100% tested.
DC ELECTRICAL CHARACTERISTICS – AUTOMOTIVE
Electrical Specifications: Boldface specification limits apply over the full operating temperature range of
TA =TJ = –55°C, 25°C, and 150°C unless otherwise specified. Non-boldfaced specification limits apply only to
TA =TJ = 25°C unless otherwise specified. All DC parameters are 100% tested at all three temperatures unless
otherwise specified. (Pulse test: 300 µs pulse, 2% duty cycle.)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Drain-to-Source Breakdown
Voltage
BVDSS
–350
——
V
VGS = 0V, ID = –100 µA
Gate Threshold Voltage
VGS(th)
–1
—
–2.4
VVDS = VGS, ID = –1 mA
Change in VGS(th)
with Temperature
ΔVGS(th)
—3.3
—
mV/°C VDS = VGS, ID = –1 mA (Note 1)
Gate Body Leakage
IGSS
—
—
–100
nA
VGS = ±20V, VDS = 0V
——
–220
nA
VGS = ±20V, VDS = 0V
Note 1: Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com