Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5335 Datasheet(PDF) 4 Page - Microchip Technology

Part # TP5335
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TP5335 Datasheet(HTML) 4 Page - Microchip Technology

  TP5335 Datasheet HTML 1Page - Microchip Technology TP5335 Datasheet HTML 2Page - Microchip Technology TP5335 Datasheet HTML 3Page - Microchip Technology TP5335 Datasheet HTML 4Page - Microchip Technology TP5335 Datasheet HTML 5Page - Microchip Technology TP5335 Datasheet HTML 6Page - Microchip Technology TP5335 Datasheet HTML 7Page - Microchip Technology TP5335 Datasheet HTML 8Page - Microchip Technology TP5335 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TP5335
DS20005704D-page 4
 2018-2022 Microchip Technology Inc. and its subsidiaries
AC ELECTRICAL CHARACTERISTICS – AUTOMOTIVE
Electrical Specifications: TA = TJ = 25°C unless otherwise specified. Specification is obtained by characterization
and is not 100% tested.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Forward Transconductance
GFS
—285
—
mmho VDS = –25V, ID = –200 mA
Input Capacitance
CISS
—80
—
pF
VGS = 0V, VDS = –25V,
f = 1 MHz
Common Source Output
Capacitance
COSS
—12
—
pF
Reverse Transfer Capacitance
CRSS
—2
—
pF
Turn-On Delay Time
td(ON)
—7.6
—
ns
VDD = –25V, ID = –150 mA,
RGEN = 25Ω
Rise Time
tr
—3
—
ns
Turn-Off Delay Time
td(OFF)
—19
—
ns
Fall Time
tf
—10
—
ns
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
–1.8
V
VGS = 0V, ISD = –200 mA
(Note 1)
Reverse Recovery Time
trr
—450
—
ns
VGS = 0V, ISD = –200 mA
Note 1: 100% Production Tested at TA = TJ = (–55°C, 25°C, and 150°C).
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Junction Temperature
TJ
–55
—
+150
°C
Storage Temperature
TS
–55
—
+150
°C
PACKAGE THERMAL RESISTANCE
3-lead SOT-23
JA
—203
—
°C/W
THERMAL CHARACTERISTICS
Package
ID (Note 1)
(Continuous)
(mA)
ID
(Pulsed)
(mA)
Power Dissipation at
TA = 25°C
(W)
IDR (Note 1)
(mA)
IDRM
(mA)
3-lead SOT-23
–85
–400
0.36
–85
–400
Note 1: ID (continuous) is limited by maximum TJ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com