Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5335 Datasheet(PDF) 6 Page - Microchip Technology

Part # TP5335
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TP5335 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TP5335 Datasheet HTML 2Page - Microchip Technology TP5335 Datasheet HTML 3Page - Microchip Technology TP5335 Datasheet HTML 4Page - Microchip Technology TP5335 Datasheet HTML 5Page - Microchip Technology TP5335 Datasheet HTML 6Page - Microchip Technology TP5335 Datasheet HTML 7Page - Microchip Technology TP5335 Datasheet HTML 8Page - Microchip Technology TP5335 Datasheet HTML 9Page - Microchip Technology TP5335 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TP5335
DS20005704D-page 6
 2018-2022 Microchip Technology Inc. and its subsidiaries
3.0
FUNCTIONAL DESCRIPTION
Figure 3-1 illustrates the switching waveforms and test
circuit for TP5335.
FIGURE 3-1:
Switching Waveforms and Test Circuit.
90%
10%
90%
90%
10%
10%
Pulse
Generator
VDD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
f
t
r
INPUT
R
GEN
INPUT
OUTPUT
0V
VDD
0V
-10V
TABLE 3-1:
PRODUCT SUMMARY
BVDSS/BVDGS
(V)
RDS(ON)
(Maximum)
(Ω)
VGS(th)
(Maximum)
(V)
–350
30
–2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com